Electronic Components Datasheet Search
  English  ▼

X  

GSCLM2931 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSCLM2931
Description  100mA Low Dropout Adjustable Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLM2931 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSCLM2931 Datasheet HTML 1Page - GTM CORPORATION GSCLM2931 Datasheet HTML 2Page - GTM CORPORATION GSCLM2931 Datasheet HTML 3Page - GTM CORPORATION GSCLM2931 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSCLM2931
Page: 1/4
ISSUED DATE :2006/03/24
REVISED DATE :
G
G S
S C
C L
L M
M 22993311
100mA Low Dropout Adjustable Voltage Regulator
Description
The GSCLM2931 positive voltage regulator features a very low quiescent current of 1mA or less when supplying 10mA loads. This unique
characteristic and the extremely low input-output differential required for proper regulation (0.2V for output current of 10mA) make the
GSCLM2931 the ideal regulator for standby power system. Applications include memory standby circuits, COMS and other low power
processor power supplies as well as systems demanding as much as 100mA of output current.
Designed originally for automotive applications, the GSCLM2931 and all regulated circuitry are protected from reverse battery installations
or 2 battery jumps. During line transients, such as a load dump(60V) when the input voltage to the regulator can momentarily exceed the
specified maximum operating voltage, the regulator will automatically shut down to protect both internal circuits and the load. The
GSCLM2931 cannot be harmed by temporary mirror-image insertion. Familiar regulator features such as short circuit and thermal overload
protection are also provided.
Features
&Input-to-Output Voltage Differential of Less Then 0.6 V at 100mA
&60V Load Dump Protection
&-50 V Reverse Transient Protection
&Internal Current Limiting with Thermal Shutdown
&Temporary Mirror-Image Protection
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Typical Applications
Vout = Vref * (1+R2/R1) + IAdj * R2


Similar Part No. - GSCLM2931

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
More results

Similar Description - GSCLM2931

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
G5JLM2931 GTM-G5JLM2931 Datasheet
481Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
logo
E-Tech Electronics LTD
G5JLM2931 ETL-G5JLM2931 Datasheet
483Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
GSCLM2931 ETL-GSCLM2931 Datasheet
500Kb / 4P
100mA Low Dropout Adjustable Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com