Electronic Components Datasheet Search
  English  ▼

X  

MHW1303LAN Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MHW1303LAN
Description  5-200 MHz, 30.8 dB, 10-CHANNEL CATV LOW CURRENT AMPLIFIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1303LAN Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MHW1303LAN Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1303LAN Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MHW1303LAN
3
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 1302-01
ISSUE E
2
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. GROUND
4. DELETED
5. VDC
6. DELETED
7. GROUND
8. GROUND
9. RF OUTPUT
15
8 9
J
B
S
R
V
Q
2X
M
F
M
0.010
A M
T
M
A
M
0.020
T
N
G
U
C
L
M
A
M
0.010
Z T
M
A
M
0.010
Z T
6−32UNC−2B
2X
W
P
K
37
X
A
F
F
A
Z
Y
2X
2X
D
7X
4X
E
E
T
X
Z
X
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
−−−
1.775
−−− 45.085
INCHES
B
−−−
1.085
−−− 27.559
C
−−−
0.840
−−− 21.336
D
0.015
0.021
0.381
0.533
E
0.465
0.510 11.811 12.954
F
0.300
0.325
7.62
8.255
G
J
K
0.315
0.355
8.001
9.017
L
N
P
Q
0.148
0.168
3.759
4.267
R
−−−
0.600
−−−
15.24
S
U
V
−−−
0.250
−−−
6.350
W
0.435
−−− 11.049
−−−
X
Y
0.152
0.163
3.861
4.140
Z
0.009
0.011
0.229
0.279
0.100 BSC
0.156 BSC
0.400 BSC
1.000 BSC
0.165 BSC
0.100 BSC
1.500 BSC
0.200 BSC
2.540 BSC
3.962 BSC
10.160 BSC
25.400 BSC
4.191 BSC
2.540 BSC
38.100 BSC
5.080 BSC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com