Electronic Components Datasheet Search
  English  ▼

X  

GSCNE555 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSCNE555
Description  SINGLE TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCNE555 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSCNE555 Datasheet HTML 1Page - GTM CORPORATION GSCNE555 Datasheet HTML 2Page - GTM CORPORATION GSCNE555 Datasheet HTML 3Page - GTM CORPORATION GSCNE555 Datasheet HTML 4Page - GTM CORPORATION GSCNE555 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSCNE555
Page: 1/5
ISSUED DATE :2005/08/10
REVISED DATE :2006/05/15C
G
G S
S C
C N
N E
E 555555
S
S II N
N G
G L
L E
E T
T II M
M E
E R
R
Description
The GSCNE555 is a highly stable timer integrated circuit. It can be operated in Astable mode and Monostable
mode. With monostable operation, the time delay is controlled by one external and one capacitor. With a stable
operation, the frequency and duty cycle are accurately controlled with two external resistors and one capacitor.
Features
&High current driver capability (=200mA)
&
Adjustable duty cycle
&Timing form Sec to Hours
&
Turn off time less than 2 Sec
Applications
&Precision timing
&Pulse generation
&Time delay generation
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Block Diagram and Simplified Application & Pin Configuration


Similar Part No. - GSCNE555

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSCNE555 ETL-GSCNE555 Datasheet
523Kb / 5P
High current driver capability (=200mA)
More results

Similar Description - GSCNE555

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51848L MITSUBISHI-M51848L Datasheet
153Kb / 4P
SINGLE TIMER
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com