Electronic Components Datasheet Search
  English  ▼

X  

HRL0103C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HRL0103C
Description  Silicon Schottky Barrier Diode for Rectifying
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRL0103C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HRL0103C Datasheet HTML 1Page - Renesas Technology Corp HRL0103C Datasheet HTML 2Page - Renesas Technology Corp HRL0103C Datasheet HTML 3Page - Renesas Technology Corp HRL0103C Datasheet HTML 4Page - Renesas Technology Corp HRL0103C Datasheet HTML 5Page - Renesas Technology Corp HRL0103C Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HRL0103C
REJ03G0367-0200 Rev.2.00 Mar 05, 2007
Page 3 of 5
Main Characteristic
0
0.2
0.4
0.6
0.8
1.0
0
0.005
0.020
0.015
0.010
030
20
40
0.025
Pulse test
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
10
–3
10
–2
10
–5
10
–4
1.0
10
–6
10
–1
10
–3
10
–8
10
–5
10
–4
10
–7
10
–6
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Ta = 75
°C
Ta = 25
°C
Pulse test
t
T
0V
Tj = 125
°C
D=1/3
D=5/6
sin(
θ=180°)
10
0.030
0.15
0.10
0
Fig4. Reverse power dissipation vs. Reverse voltage
Reverse voltage VR (V)
Fig3. Forward power dissipation vs. Forward current
Forward current IF (A)
DC
0.05
0
0.02
0.08
0.12
D=1/6
D=1/3
t
T
0A
Tj = 25
°C
0.04
0.06
0.10
D=1/2
D = —
T
t
sin(
θ=180°)
D = —
T
t
D=1/2
0
5
15
25
30
10
20
Ta = 25
°C
Ta = 50
°C
Ta = 75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com