Electronic Components Datasheet Search
  English  ▼

X  

2SA778 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SA778
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA778 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SA778 Datasheet HTML 1Page - Renesas Technology Corp 2SA778 Datasheet HTML 2Page - Renesas Technology Corp 2SA778 Datasheet HTML 3Page - Renesas Technology Corp 2SA778 Datasheet HTML 4Page - Renesas Technology Corp 2SA778 Datasheet HTML 5Page - Renesas Technology Corp 2SA778 Datasheet HTML 6Page - Renesas Technology Corp 2SA778 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SA778(K), 2SA778A(K)
REJ03G0628-0300 Rev.3.00 Jul 30, 2007
Page 5 of 7
Switching Time Test Circuit
Test Circuit
P.G.
tr, tf
15ns
PW
5
µs
duty ratio
10%
CRT
1 k
6 k
6 k
D.U.T.
0.002
0.002
50
50
50
+– +–
6 V
–10.3 V
ton, toff
Unit R :
Ω
C :
µF
P.G.
tr, tf
5ns
PW 5
µs
duty ratio = 50%
Switching Time Test Circuit
Test Circuit
CRT
2.4 k
D.U.T
0.002
0.002
–+ +–
tstg
510
0.1
0.1
50
16
–10 V
–3 V
50
50
Unit R :
Ω
C :
µF
Response Waveform
0
10%
10%
10%
90%
90%
90%
Input
Output
–13 V
0
td
ton
toff
tstg
0
0
10%
10%
Input
Output
tstg
Response Waveform
+7 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com