Electronic Components Datasheet Search
  English  ▼

X  

GSMBT3904 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSMBT3904
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSMBT3904 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSMBT3904 Datasheet HTML 1Page - GTM CORPORATION GSMBT3904 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/06/08
REVISED DATE :
G
G S
S M
M B
B T
T 33990044
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT3904 is designed for general purpose switching and amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-65 ~ +150
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
40
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Total Power Dissipation
PD
350
mW
Characteristics at Ta = 25 ::::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=10uA , IE=0
BVCEO
40
-
-
V
IC=1mA ,IB=0
BVEBO
6
-
-
V
IE=10uA,IC=0
ICES
-
-
50
nA
VCB=30V
IEBO
-
-
50
nA
VEB=3V
VCE(sat)1
-
-
200
mV
IC=10mA, IB=1mA
VCE(sat)2
-
-
300
mV
IC=50mA, IB=5mA
VBE(sat)1
650
-
850
mV
IC=10mA, IB=1mA
VBE(sat)2
-
-
950
mV
IC=50mA, IB=5mA
hFE1
40
-
-
VCE=1V, IC=0.1mA
hFE2
70
-
-
VCE=1V, IC=1mA
hFE3
100
-
300
VCE=1V, IC=10mA
hFE4
60
-
-
VCE=1V, IC=50mA
hFE5
30
-
-
VCE=1V, IC=100mA
fT
300
-
-
MHz
VCE=20V, IE=-10mA, f=100MHz
Cob
-
-
4
pF
VCB=10V, f=100KHz
Cib
-
-
8
pF
VEB=0.5V, f=100KHz
td
-
-
35
ns
VCC=3V, VBE(OFF)=0.5V, IC=10mA, IB1=1mA
tr
-
-
35
ns
VCC=3V, VBE(OFF)=0.5V, IC=10mA, IB1=1mA
tstg
-
-
200
ns
VCC=3V, IC=10mA, IB1=-IB2=1mA
tf
-
-
50
ns
VCC=3V, IC=10mA, IB1=-IB2=1mA


Similar Part No. - GSMBT3904

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSMBT3904 ETL-GSMBT3904 Datasheet
136Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GSMBT3904

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com