Electronic Components Datasheet Search
  English  ▼

X  

RKP409KS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKP409KS
Description  Composite Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP409KS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKP409KS Datasheet HTML 1Page - Renesas Technology Corp RKP409KS Datasheet HTML 2Page - Renesas Technology Corp RKP409KS Datasheet HTML 3Page - Renesas Technology Corp RKP409KS Datasheet HTML 4Page - Renesas Technology Corp RKP409KS Datasheet HTML 5Page - Renesas Technology Corp RKP409KS Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RKP409KS
REJ03G1501-0200 Rev.2.00 Jun 08, 2007
Page 3 of 5
Main Characteristic (HVL147M Series)
10
1.0
0.1
1.0
f = 1MHz
0
0.2
0.4
0.6
0.8
1.0
0.1
10−
12
10−
11
10−
10
10−
9
10−
8
10−
14
10−
13
10−
10
10−
8
10−
6
10−
4
10−
2
10−
12
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
010
30
20
0.1
1.0
10
Fig.4 Forward resistance vs. Forward current
Forward current IF
(mA)
10
0.1
1.0
100
f = 100MHz
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com