Electronic Components Datasheet Search
  English  ▼

X  

GSS4565 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSS4565
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS4565 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSS4565 Datasheet HTML 1Page - GTM CORPORATION GSS4565 Datasheet HTML 2Page - GTM CORPORATION GSS4565 Datasheet HTML 3Page - GTM CORPORATION GSS4565 Datasheet HTML 4Page - GTM CORPORATION GSS4565 Datasheet HTML 5Page - GTM CORPORATION GSS4565 Datasheet HTML 6Page - GTM CORPORATION GSS4565 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GSS4565
Page: 1/7
ISSUED DATE :2005/07/27
REVISED DATE :2005/09/29B
G
G S
S S
S 44556655
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GSS4565 provide the designer with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited
for low voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*Lower On-resistance
*Fast Switching Performance
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8 C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Ratings
Parameter
Symbol
N-channel P-channel
Unit
Drain-Source Voltage
VDS
40
-40
V
Gate-Source Voltage
VGS
f 20
f 20
V
Continuous Drain Current3
ID @TA=25 :
7.6
-6.5
A
Continuous Drain Current3
ID @TA=70 :
6
-5.2
A
Pulsed Drain Current1
IDM
30
-30
A
Total Power Dissipation
PD @TA=25 :
2.0
W
Linear Derating Factor
0.016
W/
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-a
62.5
/W
Pb Free Plating Product
N-CH BVDSS
40V
N-CH RDS(ON) 25m
N-CH ID
7.6A
P-CH BVDSS
-40V
N-CH RDS(ON) 33m
N-CH ID
-6.5A


Similar Part No. - GSS4565

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4569 GTM-GSS4569 Datasheet
442Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSS4565

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com