Electronic Components Datasheet Search
  English  ▼

X  

GSS4569 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSS4569
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS4569 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSS4569 Datasheet HTML 1Page - GTM CORPORATION GSS4569 Datasheet HTML 2Page - GTM CORPORATION GSS4569 Datasheet HTML 3Page - GTM CORPORATION GSS4569 Datasheet HTML 4Page - GTM CORPORATION GSS4569 Datasheet HTML 5Page - GTM CORPORATION GSS4569 Datasheet HTML 6Page - GTM CORPORATION GSS4569 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GSS4569
Page: 3/7
ISSUED DATE :2006/09/20
REVISED DATE :
P-Channel Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-40
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.03
-
V/ :
Reference to 25 , I
:
D=-1mA
Gate Threshold Voltage
VGS(th)
-1.0
-
-3.0
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
7
-
S
VDS=-10V, ID=-3.6A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current(Tj=25 )
:
-
-
-1
uA
VDS=-40V, VGS=0
Drain-Source Leakage Current(Tj=70 )
:
IDSS
-
-
-25
uA
VDS=-32V, VGS=0
-
-
100
VGS=-10V, ID=-4A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
120
m
VGS=-4.5V, ID=-2A
Total Gate Charge2
Qg
-
20
32
Gate-Source Charge
Qgs
-
4
-
Gate-Drain (“Miller”) Change
Qgd
-
10
-
nC
ID=-4A
VDS=-32V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
11
-
Rise Time
Tr
-
7
-
Turn-off Delay Time
Td(off)
-
67
-
Fall Time
Tf
-
43
-
ns
VDS=-20V
ID=-1A
VGS=-10V
RG=3.3
RD=20
Input Capacitance
Ciss
-
1440
2300
Output Capacitance
Coss
-
250
-
Reverse Transfer Capacitance
Crss
-
190
-
pF
VGS=0V
VDS=-25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.5A, VGS=0V, Tj=25 :
Reverse Recovery Time2
Trr
-
27
-
ns
Reverse Recovery Charge
Qrr
-
23
-
nC
IS=-4A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 135 : /W when mounted on Min. copper pad.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com