Electronic Components Datasheet Search
  English  ▼

X  

MIC2212 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2212
Description  Dual 關Cap LDO and Power-On Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2212 Datasheet HTML 1Page - Micrel Semiconductor MIC2212 Datasheet HTML 2Page - Micrel Semiconductor MIC2212 Datasheet HTML 3Page - Micrel Semiconductor MIC2212 Datasheet HTML 4Page - Micrel Semiconductor MIC2212 Datasheet HTML 5Page - Micrel Semiconductor MIC2212 Datasheet HTML 6Page - Micrel Semiconductor MIC2212 Datasheet HTML 7Page - Micrel Semiconductor MIC2212 Datasheet HTML 8Page - Micrel Semiconductor MIC2212 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2006
1
M9999-022106
MIC2212
Micrel, Inc.
MIC2212
Dual µCap LDO and Power-On Reset
General Description
The MIC2212 is a dual µCap low dropout regulator with
power-onresetcircuit.Thefirstregulatoriscapableofsourcing
150mA, while the second regulator can source up to 300mA
and includes a power-on reset function.
Idealforbatteryoperatedapplications,theMIC2212offers1%
accuracy, extremely low dropout voltage (80mV @ 100mA),
and extremely low ground current, only 48µAtotal. Equipped
with TTL-logic-compatible enable pins, the MIC2212 can be
put into a zero-off-mode current state, drawing no current
when disabled.
The MIC2212 is a µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2212 is available in fixed output voltages in the
10-pin 3mm × 3mm MLF™ leadless package.
Typical Application
VIN
EN1
EN2
CBYP
SET
Baseband
µProcessor
VOUT1
VI/O
VOUT2
POR
VCORE
/RST
GND
MIC2212-xxBML
COUT = 1µF
Ceramic
Sets del ay for POR
Li-Ion
Battery
MIC2212 Typical Cell Phone Application
Features
• Input voltage range: 2.25V to 5.5V
• Stable with ceramic output capacitor
• 2 LDO outputs
• Output 1 – 150mA output current
• Output 2 – 300mA output current
• Power-on reset function with adjustable delay time
• Low dropout voltage of 80mV @ 100mA
•
Ultra-low quiescent current of 48µA
• High output accuracy:
• +1.0% initial accuracy
• +2.0% over temperature
• Thermal shutdown protection
• Current limit protection
•
Tiny 10-pin 3mm × 3mm MLF™ package
Applications
• Cellular/PCS phones
• Wireless modems
• PDAs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology.


Similar Part No. - MIC2212

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC2212-1.85BML MICREL-MIC2212-1.85BML Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC2212-1.8BML MICREL-MIC2212-1.8BML Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC2212-2.6BML MICREL-MIC2212-2.6BML Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC2212-2.7BML MICREL-MIC2212-2.7BML Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
More results

Similar Description - MIC2212

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
Micropower 關Cap LDO Regulator
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
Low Voltage Dual 300mA LDO with Power on Reset
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
Dual 150mA 關Cap CMOS LDO Regulator
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
Dual 關Cap 80mA LDO Regulator
MIC2210 MICREL-MIC2210_06 Datasheet
1,005Kb / 11P
Dual 關Cap LDO with Open-Drain Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com