Electronic Components Datasheet Search
  English  ▼

X  

AD8657 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8657
Description  22 μA, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657 Datasheet(HTML) 2 Page - Analog Devices

  AD8657 Datasheet HTML 1Page - Analog Devices AD8657 Datasheet HTML 2Page - Analog Devices AD8657 Datasheet HTML 3Page - Analog Devices AD8657 Datasheet HTML 4Page - Analog Devices AD8657 Datasheet HTML 5Page - Analog Devices AD8657 Datasheet HTML 6Page - Analog Devices AD8657 Datasheet HTML 7Page - Analog Devices AD8657 Datasheet HTML 8Page - Analog Devices AD8657 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD8657/AD8659
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Pin Connection Diagrams............................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—18 V Operation ............................. 3
 
Electrical Characteristics—10 V Operation ............................. 4
 
Electrical Characteristics—2.7 V Operation ............................ 5
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution.................................................................................. 6
 
Pin Configurations and Function Descriptions ........................... 7
 
Typical Performance Characteristics ..............................................9
 
Applications Information .............................................................. 19
 
Input Stage................................................................................... 19
 
Output Stage................................................................................ 20
 
Rail to Rail ................................................................................... 20
 
Resistive Load ............................................................................. 20
 
Comparator Operation—AD8657 ........................................... 21
 
EMI Rejection Ratio .................................................................. 22
 
4 mA to 20 mA Process Control Current Loop Transmitter—
AD8657........................................................................................ 22
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 24
 
REVISION HISTORY
6/2017—Rev. B to Rev. A
Change to 4 mA to 20 mA Process Control Current Loop
Transmitter—AD8657 Section and Figure 78 ............................ 22
Updated Outline Dimensions ....................................................... 24
Changes to Ordering Guide .......................................................... 24
8/2012—Rev. A to Rev. B
Added AD8659 ...................................................................Universal
Changes to Features Section............................................................ 1
Changes to Pin Connection Diagrams Section ............................ 1
Added Figure 3, Renumbered Figures Sequentially..................... 1
Changes to Table 1............................................................................ 1
Reordered Table 2 and Table 4........................................................ 3
Changes to Table 2............................................................................ 3
Changes to Table 3............................................................................ 4
Changes to Table 4............................................................................ 5
Changes to Table 6............................................................................ 6
Added Pin Configurations and Function Descriptions Section 7
Added Figure 4 and Figure 5........................................................... 7
Added Table 7, Renumbered Tables Sequentially ........................ 7
Added Figure 6 and Figure 7........................................................... 8
Added Table 8.................................................................................... 8
Changes to Figure 10 and Figure 13............................................... 9
Changes to Figure 14, Figure 15, Figure 17, and Figure 18....... 10
Changes to Figure 28 and Figure 31............................................. 12
Changes to Figure 32...................................................................... 13
Changes to Figure 39...................................................................... 14
Changes to Figure 63 and Figure 66............................................. 18
Moved Figure 68 ............................................................................. 19
Change to Inverting Op Amp Configuration Section Heading
and Changes to Figure 70 .............................................................. 20
Change to Noninverting Op Amp Configuration Heading and
Changes to Figure 71...................................................................... 20
Change to Comparator Operation—AD8657 Heading ............ 21
Change to 4 mA to 20 mA Process Control Current Loop
Transmitter—AD8657 Section Heading and Changed
33 μA to 34 μA ................................................................................ 22
Updated Outline Dimensions....................................................... 24
Added Figure 81 and Figure 82 .................................................... 24
Changes to Ordering Guide .......................................................... 24
3/2011—Rev. 0 to Rev. A
Added LFCSP Package Information ........................... Throughout
Added Figure 2, Renumbered Subsequent Figures .................... 1
Changes to Table 2, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments; and Dynamic Performance, Phase
Margin Values ....................................................................................3
Changes to Table 3, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments .....................................................................4
Changes to Table 4, Introductory Text; Input Characteristics,
Offset Voltage and Common-Mode Rejection Ratio Test
Conditions/Comments .....................................................................5
Changes to Thermal Resistance Section and Table 5 ...................6
Updated Outline Dimensions....................................................... 21
Changes to Ordering Guide .......................................................... 21
1/2011—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com