Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8663
Description  Low Power JFET-Input Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8663 Datasheet HTML 5Page - Analog Devices AD8663 Datasheet HTML 6Page - Analog Devices AD8663 Datasheet HTML 7Page - Analog Devices AD8663 Datasheet HTML 8Page - Analog Devices AD8663 Datasheet HTML 9Page - Analog Devices AD8663 Datasheet HTML 10Page - Analog Devices AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices AD8663 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4062-2/ADA4062-4
Rev. B | Page 9 of 20
–60
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
–60
–40
–20
0
20
40
60
80
100
120
FREQUENCY (Hz)
VSY = ±5V
PHASE
GAIN
Figure 23. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±5V
AV = +100
AV = +10
AV = +1
Figure 24. Closed-Loop Gain vs. Frequency
0.1
10
1000
1
100
100
1k
10k
100k
1M
10M
AV = +1
FREQUENCY (Hz)
AV = +10
AV = +100
VSY = ±5V
Figure 25. Output Impedance vs. Frequency
–60
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
–60
–40
–20
0
20
40
60
80
100
120
FREQUENCY (Hz)
VSY = ±15V
PHASE
GAIN
Figure 26. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
AV = +100
AV = +10
AV = +1
Figure 27. Closed-Loop Gain vs. Frequency
100
1k
10k
100k
1M
10M
AV = +1
AV = +10
AV = +100
VSY = ±15V
FREQUENCY (Hz)
0.1
10
1000
1
100
Figure 28. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com