Electronic Components Datasheet Search
  English  ▼

X  

LCBM67D Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCBM67D
Description  Small size high-flux LED for slim designs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBM67D Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCBM67D Datasheet HTML 7Page - OSRAM GmbH LCBM67D Datasheet HTML 8Page - OSRAM GmbH LCBM67D Datasheet HTML 9Page - OSRAM GmbH LCBM67D Datasheet HTML 10Page - OSRAM GmbH LCBM67D Datasheet HTML 11Page - OSRAM GmbH LCBM67D Datasheet HTML 12Page - OSRAM GmbH LCBM67D Datasheet HTML 13Page - OSRAM GmbH LCBM67D Datasheet HTML 14Page - OSRAM GmbH LCBM67D Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LCB M67D
DATASHEET
DATASHEET
11 | Version 1.3 | 2024-02-12
Forward current 6)
I
F = f(VF); TS = 25 °C
LCBM67D
2.52.6
2.72.8
2.9
VF /V
1
2
4
6
8
10
IF /mA
Relative Luminous Intensity 6), 7)
I
v/Iv(5 mA) = f(IF); TS = 25 °C
LCBM67D
IF /mA
0.0
0.5
1.0
1.5
2.0
IV
IV(5mA)
Chromaticity Coordinate Shift 6)
Cx, Cy = f(I
F); TS = 25 °C
LCBM67D
IF /mA
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com