| Electronic Components Datasheet Search |
|
AD8657ARMZ Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8657ARMZ Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 24 page ![]() AD8657/AD8659 Data Sheet Rev. C | Page 20 of 24 OUTPUT STAGE The AD8657/AD8659 feature a complementary output stage consisting of the M16 and M17 transistors. These transistors are configured in Class AB topology and are biased by the voltage source, VB2. This topology allows the output voltage to go within millivolts of the supply rails, achieving a rail-to-rail output swing. The output voltage is limited by the output impedance of the transistors, which are low RON MOS devices. The output voltage swing is a function of the load current and can be estimated using the output voltage to the supply rail vs. load current diagrams (see Figure 21, Figure 22, Figure 24, and Figure 25). RAIL TO RAIL The AD8657/AD8659 feature rail-to-rail input and output with a supply voltage from 2.7 V to 18 V. Figure 69 shows the input and output waveforms of the AD8657/AD8659 configured as a unity-gain buffer with a supply voltage of ±9 V and a resistive load of 1 MΩ. With an input voltage of ±9 V, the AD8657/AD8659 allow the output to swing very close to both rails. Additionally, they do not exhibit phase reversal. TIME (200µs/DIV) VSY = ±9V RL = 1MΩ INPUT OUTPUT Figure 69. Rail-to-Rail Input and Output RESISTIVE LOAD The feedback resistor alters the load resistance that an amplifier sees. It is, therefore, important to be aware of the value of feed- back resistors chosen for use with the AD8657/AD8659. The amplifiers are capable of driving resistive loads down to 100 kΩ. The following two examples, inverting and noninverting configurations, show how the feedback resistor changes the actual load resistance seen at the output of the amplifier. Inverting Op Amp Configuration Figure 70 shows the AD8657/AD8659 in an inverting configu- ration with a resistive load, RL, at the output. The actual load seen by the amplifier is the parallel combination of the feedback resistor, R2, and load, RL. For example, the combination of a feed- back resistor of 1 kΩ and a load of 1 MΩ results in an equivalent load resistance of 999 Ω at the output. Because the AD8657/ AD8659 are incapable of driving such a heavy load, performance degrades greatly. To avoid loading the output, use a larger feedback resistor, but consider the resistor thermal noise effect on the overall circuit. AD8657/ AD8659 R1 R2 RL –VSY RL, EFF = RL || R2 +VSY VIN VOUT Figure 70. Inverting Op Amp Configuration Noninverting Op Amp Configuration Figure 71 shows the AD8657/AD8659 in a noninverting configu- ration with a resistive load, RL, at the output. The actual load seen by the amplifier is the parallel combination of R1 + R2 and RL. R1 R2 RL –VSY RL, EFF = RL || (R1 + R2) +VSY VIN VOUT AD8657/ AD8659 Figure 71. Noninverting Op Amp Configuration |