| Electronic Components Datasheet Search |
|
OP262 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP262 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 24 page ![]() ADA4075-2 Data Sheet Rev. C | Page 16 of 24 APPLICATIONS INFORMATION INPUT PROTECTION To prevent base-emitter junction breakdown from occurring in the input stage of the ADA4075-2 when a very large differential voltage is applied, the inputs are clamped by the internal diodes to ±1.2 V. To preserve the ultralow voltage noise feature of the ADA4075-2, the commonly used internal current-limiting resistors in series with the inputs are not used. In small signal applications, current limiting is not required; however, in applications where the differential voltage of the ADA4075-2 exceeds ±1.2 V, large currents may flow through these diodes. Employ external current-limiting resistors as shown in Figure 63 to reduce the input currents to less than ±10 mA. Note that depending on the value of these resistors, the total voltage noise will most likely be degraded. For example, a 1 kΩ resistor at room temperature has a thermal noise of 4 nV/√Hz, whereas the ADA4075-2 has an ultralow voltage noise of only 2.8 nV/√Hz typical. R2 R1 3 2 1 ADA4075-2 Figure 63. Input Protection TOTAL HARMONIC DISTORTION The total harmonic distortion + noise (THD + N) of the ADA4075-2 is 0.0002% typical with a load resistance of 2 kΩ. Figure 64 shows the performance of the ADA4075-2 driving a 2 kΩ load with supply voltages of ±4 V and ±15 V. Notice that there is more distortion for the supply voltage of ±4 V than for a supply voltage of ±15 V. Therefore, it is important to operate the ADA4075-2 at a supply voltage greater than ±5 V for optimum distortion. The THD + noise graphs for supply voltages of ±5 V and ±18 V are available in Figure 56 and Figure 61. 0.0001 0.001 0.01 0.1 1 10 100 1k 10k 100k FREQUENCY (Hz) VSY = ±4V RL = 2kΩ VIN = 1.5V rms VSY = ±15V RL = 2kΩ VIN = 3V rms Figure 64. THD + Noise vs. Frequency PHASE REVERSAL An undesired phenomenon, phase reversal (also known as phase inversion) occurs in many op amps when one or both of the inputs are driven beyond the specified input common-mode voltage (VICM) range, in effect reversing the polarity of the output. In some cases, phase reversal can induce lockups and cause equipment damage as well as self destruction. The ADA4075-2 incorporates phase reversal prevention circuitry that clamps the output to 2 V typical from the supply rails when one or both inputs exceed the VICM range. Figure 65 shows the input/output waveforms of the ADA4075-2 configured as a unity- gain buffer for a supply voltage of ±15 V. VIN VOUT TIME (40µs/DIV) VSY = ±15V Figure 65. No Phase Reversal |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |