Electronic Components Datasheet Search
  English  ▼

X  

MIC2212-GLBML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2212-GLBML
Description  Dual 關Cap LDO and Power-On Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212-GLBML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2212-GLBML Datasheet HTML 1Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 2Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 3Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 4Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 5Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 6Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 7Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 8Page - Micrel Semiconductor MIC2212-GLBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2212
Micrel, Inc.
M9999-022106
2
February 2006
Ordering Information
Part Number
Voltage*
(Vo1/Vo2)
Junction Temp.
Range
Package
Full
Manufacturing
Pb-Free
MIC2212-1.6/2.8BML
MIC2212-WMBML
MIC2212-WMYML
1.6V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.6/3.3BML
MIC2212-WSBML
MIC2212-WSYML
1.6V/3.3V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.8/2.6BML
MIC2212-GKBML
MIC2212-GKYML
1.8V/2.6V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.8/2.7BML
MIC2212-GLBML
MIC2212-GLYML
1.8V/2.7V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.8/2.8BML
MIC2212-GMBML
MIC2212-GMYML
1.8V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.8/3.3BML
MIC2212-GSBML
MIC2212-GSYML
1.8V/3.3V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.85/2.85BML MIC2212-DNBML
MIC2212-DNYML
1.85V/2.85V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-1.85/2.9BML
MIC2212-DOBML
MIC2212-DOYML
1.85V/2.9V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.5/3.3BML
MIC2212-JSBML
MIC2212-JSYML
2.5V/3.3V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.6/2.8BML
MIC2212-KMBML
MIC2212-KMYML
2.6V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.6/2.85BML
MIC2212-KNBML
MIC2212-KNYML
2.6V/2.85V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.7/2.8BML
MIC2212-LMBML
MIC2212-LMYML
2.7V2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.7/2.9BML
MIC2212-LOBML
MIC2212-LOYML
2.7V/2.9V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.7/3.0BML
MIC2212-LPBML
MIC2212-LPYML
2.7V/3.0V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.8/2.6BML
MIC2212-MKBML
MIC2212-MKYML
2.8V/2.6V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.8/2.8BML
MIC2212-MMBML
MIC2212-MMYML
2.8V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.8/3.0BML
MIC2212-MPBML
MIC2212-MPYML
2.8V/3.0V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-2.85/2.85BML MIC2212-NNBML
MIC2212-NNYML
2.85V/2.85V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.0/2.8BML
MIC2212-PMBML
MIC2212-PMYML
3.0V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.0/2.85BML
MIC2212-PNBML
MIC2212-PNYML
3.0V/2.85V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.0/3.0BML
MIC2212-PPBML
MIC2212-PPYML
3.0V/3.0V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.0/3.3BML
MIC2212-PSBML
MIC2212-PSYML
3.0V/3.3V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.3/1.8BML
MIC2212-SGBML
MIC2212-SGYML
3.3V/1.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.3/2.5BML
MIC2212-SJBML
MIC2212-SJYML
3.3V/2.5V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.3/2.8BML
MIC2212-SMBML
MIC2212-SMYML
3.3V/2.8V
-40°C to +125°C
10-Pin 3x3 MLF™
MIC2212-3.3/3.6BML
MIC2212-SVBML
MIC2212-SVYML
3.3V/3.6V
-40°C to +125°C
10-Pin 3x3 MLF™
* For other output voltage options, contact Micrel marketing.
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
1.850
D
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
Voltage
Code
2.8
M
2.850
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com