Electronic Components Datasheet Search
  English  ▼

X  

ADA4898-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4898-2
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4898-2 Datasheet HTML 9Page - Analog Devices ADA4898-2 Datasheet HTML 10Page - Analog Devices ADA4898-2 Datasheet HTML 11Page - Analog Devices ADA4898-2 Datasheet HTML 12Page - Analog Devices ADA4898-2 Datasheet HTML 13Page - Analog Devices ADA4898-2 Datasheet HTML 14Page - Analog Devices ADA4898-2 Datasheet HTML 15Page - Analog Devices ADA4898-2 Datasheet HTML 16Page - Analog Devices ADA4898-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADA4898-1/ADA4898-2
TEST CIRCUITS
IN
VOUT
10µF
+VS
–VS
49.9Ω
RL
0.1µF
0.1µF
10µF
Figure 38. Typical Noninverting Load Configuration
VOUT
0.1µF
49.9Ω
+VS
–VS
RL
10µF
AC
Figure 39. Positive Power Supply Rejection
IN
VOUT
10µF
+VS
–VS
1kΩ
1kΩ
1kΩ
1kΩ
53.6Ω
RL
10µF
0.1µF
0.1µF
Figure 40. Common-Mode Rejection
IN
VOUT
10µF
+VS
–VS
RG
RF
49.9Ω
RL
CL
10µF
0.1µF
0.1µF
Figure 41. Typical Capacitive Load Configuration
0.1µF
VOUT
+VS
–VS
RL
10µF
AC
49.9Ω
Figure 42. Negative Power Supply Rejection
+VS
–VS
+IB
–IB
200Ω
1kΩ
VCONTROL
RIN = 20Ω
RF = 1kΩ
IN-AMP
VOUT
Figure 43.DC Test Circuit
Rev. E | Page 13 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com