Electronic Components Datasheet Search
  English  ▼

X  

MIC4720 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4720
Description  3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4720 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4720 Datasheet HTML 1Page - Micrel Semiconductor MIC4720 Datasheet HTML 2Page - Micrel Semiconductor MIC4720 Datasheet HTML 3Page - Micrel Semiconductor MIC4720 Datasheet HTML 4Page - Micrel Semiconductor MIC4720 Datasheet HTML 5Page - Micrel Semiconductor MIC4720 Datasheet HTML 6Page - Micrel Semiconductor MIC4720 Datasheet HTML 7Page - Micrel Semiconductor MIC4720 Datasheet HTML 8Page - Micrel Semiconductor MIC4720 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MIC4720
May 2007
3
M9999-051707
Pin Description
Pin Number
MLF
®
Pin Number
MSOP
Pin Name
Pin Function
1,12
1, 10
SW
Switch (Output): Internal power P-Channel MOSFET output switch
2,11
2, 9
VIN
Supply Voltage (Input): Supply voltage for the source of the internal P-channel
MOSFET and driver.
Requires bypass capacitor to GND.
3,10
8
PGND
Power Ground. Provides the ground return path for the high-side drive current.
4
3
SGND
Signal (Analog) Ground. Provides return path for control circuitry and internal
reference.
5
4
BIAS
Internal circuit bias supply. Must be bypassed with a 0.1µF ceramic capacitor to
SGND.
6
5
FB
Feedback. Input to the error amplifier, connect to the external resistor divider
network to set the output voltage.
7
—
NC
No Connect. Not internally connected to die. This pin can be tied to any other pin
if desired.
8
6
EN
Enable (Input). Logic level low, will shutdown the device, reducing the current
draw to less than 5µA.
9
7
PGOOD
Power Good. Open drain output that is pulled to ground when the output voltage
is within +/- 7.5% of the set regulation voltage
EP
—
GND
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com