Electronic Components Datasheet Search
  English  ▼

X  

MIC4721 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC4721
Description  1.5A 2MHz Integrated Switch Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4721 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC4721 Datasheet HTML 11Page - Micrel Semiconductor MIC4721 Datasheet HTML 12Page - Micrel Semiconductor MIC4721 Datasheet HTML 13Page - Micrel Semiconductor MIC4721 Datasheet HTML 14Page - Micrel Semiconductor MIC4721 Datasheet HTML 15Page - Micrel Semiconductor MIC4721 Datasheet HTML 16Page - Micrel Semiconductor MIC4721 Datasheet HTML 17Page - Micrel Semiconductor MIC4721 Datasheet HTML 18Page - Micrel Semiconductor MIC4721 Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Micrel, Inc.
MIC4721
May 2007
15
M9999-052907-A
As one can see the typical phase margin, using the
same resistor values as before without a feedforward
capacitor results in 33.6 degrees of phase margin. Our
prior measurement with a feedforward capacitor yielded
a phase margin of 47 degrees. The feedforward
capacitor has given us a phase boost of 13.4 degrees
(47 degrees – 33.6 Degrees = 13.4 Degrees).
Output Impedance and Transient Response
Output impedance, simply stated, is the amount of
output voltage deviation vs. the load current deviation.
The lower the output impedance, the better.
OUT
OUT
OUT
I
V
Z
∆
∆
=
Output impedance for a buck regulator is the parallel
impedance of the output capacitor and the MOSFET and
inductor divided by the gain:
COUT
L
DSON
TOTAL
X
GAIN
X
DCR
R
Z
||
+
+
=
To measure output impedance vs. frequency, the load
current must be swept across the frequencies measured,
while the output voltage is monitored. Figure 9 shows a
test set-up to measure output impedance from 10Hz to
1MHz using the MIC5190 high speed controller.
Figure 9. Output Impedance Measurement
By setting up a network analyzer to sweep the feedback
current, while monitoring the output of the voltage
regulator and the voltage across the load resistance,
output impedance is easily obtainable. To keep the
current from being too high, a DC offset needs to be
applied to the network analyzer’s source signal. This can
be done with an external supply and 50
Ω resistor. Make
sure that the currents are verified with an oscilloscope
first, to ensure the integrity of the signal measurement. It
is always a good idea to monitor the A and R
measurements with a scope while you are sweeping it.
To convert the network analyzer data from dBm to
something more useful (such as peak to peak voltage
and current in our case):
707
.
2
50
1
10
10
×
Ω
×
×
=
∆
mW
dBm
V
and peak to peak current:
LOAD
R
mW
dBm
V
×
×
Ω
×
×
=
∆
707
.
2
50
1
10
10
The following graph shows output impedance vs
frequency at 2A load current sweeping the AC current
from 10Hz to 10MHz, at 1A peak-to-peak amplitude.
From this graph, you can see the effects of bandwidth
and output capacitance. For frequencies <200KHz, the
output impedance is dominated by the gain and
inductance.
For
frequencies
>200KHz,
the
output
impedance is dominated by the capacitance. A good
approximation for transient response can be calculated
from determining the frequency of the load step in amps
per second:
π
2
sec
/
A
f
=
Then, determine the output impedance by looking at the
output impedance vs frequency graph. Next, calculate
the voltage deviation times the load step;
∆V
OUT = ∆IOUT ×ZOUT
The output impedance graph shows the relationship
between supply voltage and output impedance. This is
caused by the lower RDSON of the high side MOSFET
and the increase in gain with increased supply voltages.
This explains why higher supply voltages have better
transient response.
COUT
L
DSON
TOTAL
X
GAIN
X
DCR
R
Z
||
↑
+
+
↓
=
↓
To properly measure ripple on either input or output of a
switching regulator, a proper ring in tip measurement is
required. Standard oscilloscope probes come with a
grounding clip, or a long wire with an alligator clip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com