Electronic Components Datasheet Search
  English  ▼

X  

OPE5985 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OPE5985
Description  High Speed GaAlAs Infrared Emitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPE5985 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OPE5985 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPE5985 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11
High Speed GaAlAs Infrared Emitter
OPE5985
The OPE5985 is GaAlAs infrared emitting diode
DIMENSIONS(Unit : mm)
that is designed for high power, low forward
voltage and high speed rise / fall time.
This device is optimized for speed and efficiency
at emission wavelength 850nm and has a high radiant
efficiency over a wide range of forward current.
This device is packaged T1 package
and has wide beam angle with lensed package
and cup frame. Especially this device is suited
as the emitter of data transmission without cable.
FEATURES
• High speed : 25ns rise time
• 850nm wavelength
• Wide beam angle
• Low forward voltage
• High power and high reliability
• Available for pulse operating
APPLICATIONS
• Emitter of IrDA
• IR Audio and Telephone
• High speed IR communication
• IR LANs
• Available for wireless digital data transmission
STORAGE
• Condition : 5°C~35°C,R.H.60%
• Terms : within 3 months from production date
• Remark : Once the package is opened, the products should be used within a day.
Otherwise, it should be keeping in a damp proof box with desiccants.
* Please take proper steps in order to secure reliability and safety in required conditions
and environments for this device.
MAXIMUM RATINGS
(Ta=25
)
Item
Symbol
Rating
Unit
Power Dissipation
PDC
80
C
Forward current
IFC
60
EC
Pulse forward current
CCCCCC
IFPC
0.5
A
C
Reverse voltage
VRC
5.0
C
Operating temp.
Topr.
-20~ +70
°CC
Soldering temp. CCCCCCCCCCCCCCC 2
Tsol.
240.
°CC
1.Duty ratio = 1/100, pulse width=0.1ms.
2.Lead Soldering Temperature (2mm from case for 5sec.).
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25
)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
C
IF=50
EC
1.5
2.0
V
Reverse current
IR
C
VR=5V
CC
C
10
µEC
Capacitance
Ct
f=1
CC
20
C
EC
15
~
DDC
B Rank
40
~
C
Radiant intensity
Ie
IF=50
E
C Rank
55
~
C
/
Peak emission wavelength
p
C
IF=50
EC
C
850
C
C
Spectral bandwidth 50%
C
IF=50
C
C
45
C
C
Half angle

IF=40
C
C
±25
C
deg.
Optical rise & fall time(10%~90%)
tr/tf
IF=50
C
C
25/13
C
ns
Cut off frequency
*3
fc
IF
D ECEEC
DD EC
C
C
14
C
MHz
*3. 10logPo(fc MHz)/Po(0.1 MHz)=-3
Anode
Cathode
2.5
2- 0.5
3.0
Tolerance :
±0.2mm


Similar Part No. - OPE5985

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
GaAs Infrared Emitter
OPE5194WK ETC-OPE5194WK Datasheet
128Kb / 2P
GAAIAS INFRARED EMITTER
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
GaAs Infrared Emitter
OPE5585 ETC-OPE5585 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
More results

Similar Description - OPE5985

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4590 SIEMENS-SFH4590 Datasheet
58Kb / 6P
Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH4591 SIEMENS-SFH4591 Datasheet
50Kb / 5P
Schnelle GaAlAs-IR-Lumineszenzdiode High-Speed GaAlAs Infrared Emitter
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
GaAlAs INFRARED EMITTER
logo
OPTEK Technologies
OPE5794 OPTEK-OPE5794 Datasheet
117Kb / 2P
GaAlAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5685 ETC-OPE5685 Datasheet
185Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5587 ETC-OPE5587 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5585 ETC-OPE5585 Datasheet
194Kb / 2P
High Speed GaAlAs Infrared Emitter
OPE5885 ETC2-OPE5885 Datasheet
196Kb / 2P
DHigh Speed GaAlAs Infrared Emitter
OPE5T87 ETC2-OPE5T87 Datasheet
196Kb / 2P
High Speed GaAlAs Infrared Emitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com