Electronic Components Datasheet Search
  English  ▼

X  

BYC15-600 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYC15-600
Description  Hyperfast Power Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYC15-600 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYC15-600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYC15-600 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Power Diode
BYC15-600
www.iscsemi.com
1
FEATURES
· Low Switching Losses
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· Half-bridge/full-bridge switched-mode power supplies
· Power factor correction diode
· Half-bridge lighting ballasts
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
δ = 0.5,TC ≤ 98 °C
15
A
IFSM
Non-repetitive Peak Surge Current
tp = 10ms, Tj = 25 °C; sine-wave pulse
200
A
TJ
Max. Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W
TO-220C Package
3
1
2


Similar Part No. - BYC15-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC15-600 NXP-BYC15-600 Datasheet
70Kb / 10P
Rectifier diode, hyperfast
Rev. 01-29 November 2007
logo
Unisonic Technologies
BYC15-600 UTC-BYC15-600 Datasheet
144Kb / 3P
RECTIFIER DIODE, HYPERFAST
logo
WeEn Semiconductors
BYC15-600 WEEN-BYC15-600 Datasheet
473Kb / 11P
Hyperfast power diode
logo
Inchange Semiconductor ...
BYC15-600P ISC-BYC15-600P Datasheet
297Kb / 2P
Ultra fast Rectifier
logo
WeEn Semiconductors
BYC15-600P WEEN-BYC15-600P Datasheet
436Kb / 10P
Hyperfast power diode
More results

Similar Description - BYC15-600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
Hyperfast power diode
4 February 2013
BYC8-600P PHILIPS-BYC8-600P_15 Datasheet
182Kb / 9P
Hyperfast power diode
3 January 2014
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
Hyperfast power diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com