Electronic Components Datasheet Search
  English  ▼

X  

BFX34 Datasheet(PDF) 1 Page - Seme LAB

Part # BFX34
Description  HIGH CURRENT GENERAL PURPOSE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX34 Datasheet(HTML) 1 Page - Seme LAB

  BFX34 Datasheet HTML 1Page - Seme LAB BFX34 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BFX34
HIGH CURRENT GENERAL
PURPOSE TRANSISTOR
FEATURES
• SILICON EPITAXIAL NPN TRANSISTOR
• HIGH SPEED, LOW SATURATION SWITCH
• CECC SCREENING OPTIONS
DESCRIPTION:
The BFX34 is a silicon Epitaxial Planar NPN
transistor in a TO-39 case, intended for high
current applications.
Very low saturation voltage and high speed
at high current levels make it ideal for power
drivers, power amplifiers, switching power
supplies and relay drive inverters.
120V
60V
6V
2A
5A
1A
0.87W
5W
–65 to +200°C
200°C
MECHANICAL DATA
Dimensions in mm (inches)
TO39 (TO-205AD) Package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
PIN1 – EMITTER
Underside View
PIN 2 – BASE
PIN 3 – COLLECTOR
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5569
Issue 1
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
VCBO
Collector – Base Voltage (IE = 0)
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Continious Collector Current
ICM
Peak Repetitive Collector Current
IB
Continious Base Current
Ptot
Total Device Dissipation
@ TA ≤ 25°C
@ TC ≤ 25°C
TSTG
Storage Temperature Range
TJ
Junction Temperature


Similar Part No. - BFX34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX34 PHILIPS-BFX34 Datasheet
52Kb / 8P
NPN switching transistor
1997 Apr 22
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
66Kb / 4P
SILICON NPN TRANSISTOR
Jun-1997
logo
Central Semiconductor C...
BFX34 CENTRAL-BFX34 Datasheet
56Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
48Kb / 4P
SILICON NPN TRANSISTOR
Aug-2001
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
80Kb / 3P
HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results

Similar Description - BFX34

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
General Purpose High Current NPN Transistor Arrays
November 1999
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
General Purpose High Current NPN Transistor Array
September 1998
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
General Purpose High Current NPN Transistor Arrays
May 2001
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
General Purpose High Current NPN Transistor Array
February 7, 2006
logo
Seme LAB
BFX34 SEME-LAB-BFX34_10 Datasheet
80Kb / 3P
HIGH CURRENT GENERAL PURPOSE TRANSISTOR
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
General Purpose High Current NPN Transistor Array
logo
TT Electronics.
BFX34 TTELEC-BFX34 Datasheet
80Kb / 3P
HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com