Electronic Components Datasheet Search
  English  ▼

X  

NF22P100 Datasheet(PDF) 1 Page - Amphenol CIT.

Part # NF22P100
Description  Exceptional electrical and mechanical performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

NF22P100 Datasheet(HTML) 1 Page - Amphenol CIT.

  NF22P100 Datasheet HTML 1Page - Amphenol CIT. NF22P100 Datasheet HTML 2Page - Amphenol CIT. NF22P100 Datasheet HTML 3Page - Amphenol CIT. NF22P100 Datasheet HTML 4Page - Amphenol CIT.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INTRODUCTION
FEATURES & BENEFITS
Carlisle Interconnect Technologies (CarlisleIT) manufactures
a wide variety of high performance data cables designed to
meet the needs of the aerospace, defense, military, ground
transportation, industrial and RF communication markets.
Typical applications include: Ethernet backbone, avionics,
high-definition video, cabin management systems, in-flight
entertainment and databus applications.
Gigabit Series Ethernet cables have been developed in
a wide variety of configurations to provide 1 and 10 Gb
performance in the most demanding applications. Our
proven NETflight® Ethernet cables in single pair, dual pair
and quadrax configurations are widely used throughout
the aerospace industry and provide superior electrical and
mechanical performance. Our Maxflite™ series provides
high speed performance for the popular video and data bus
protocols: HDMI, DVI, USB, Firewire and CAN bus. In addition
to the standard protocols, when a custom solution is required,
CarlisleIT has experienced on-site engineering to design a cable
to meet your needs.
Pair our Gigabit cables with an octax connector for an ultra
high-speed assembly.
Wire & Cable
Data Cables
Gigabit Series Ethernet Cables
NETflight® Cables
Maxflite™ Cables
» Exceptional electrical and mechanical performance
» Operating performance from -55°C to 200°C
» Meets the requirements of aerospace and other harsh en-
vironments including FAR 25.853 flammability and Boeing/
Airbus smoke and toxicity requirements
» Multiple configurations to meet the needs of almost any
application
» Lightweight versions to address weight and space require-
ments
» Advanced technologies such as Bonded-Pairs and an
innovative X-Web reduce cross talk and ensure installable
performance


Similar Part No. - NF22P100

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
NF2200A-RQ SOSHIN-NF2200A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
NF2200C-RQ SOSHIN-NF2200C-RQ Datasheet
195Kb / 3P
Single-phase 2-line 500VAC Available 10-250A, Single-phase General-purpose
logo
Mitsubishi Electric Sem...
NF225-RP MITSUBISHI-NF225-RP Datasheet
1Mb / 105P
TECHNICAL NOTES
NF225-UP MITSUBISHI-NF225-UP Datasheet
1Mb / 105P
TECHNICAL NOTES
logo
Soshin electric Co., Lt...
NF2250A-RQ SOSHIN-NF2250A-RQ Datasheet
141Kb / 3P
Single-phase 2-line 250VAC
More results

Similar Description - NF22P100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
Amkor Technology
MQFPPOWERQUAD2 AMKOR-MQFPPOWERQUAD2 Datasheet
99Kb / 2P
Exceptional thermal and electrical performance by design include the following
logo
Intel Corporation
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
Electrical, Mechanical, and Thermal Specification
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
Electrical, Mechanical, and Thermal Specification
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932_15 Datasheet
618Kb / 7P
Exceptional Broadband Performance
logo
SYNERGY MICROWAVE CORPO...
DCRO119185-12-1 SYNERGY-DCRO119185-12-1 Datasheet
345Kb / 3P
Exceptional Phase Noise Performance
DCRO221226-8 SYNERGY-DCRO221226-8 Datasheet
350Kb / 3P
Exceptional Phase Noise Performance
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
Mechanical and electrical indicator
logo
M/A-COM Technology Solu...
MASW-000932 MA-COM-MASW-000932 Datasheet
618Kb / 7P
Exceptional Broadband Performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com