Electronic Components Datasheet Search
  English  ▼

X  

6360 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6360
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6360 Datasheet(HTML) 1 Page - Alpha Wire

  6360 Datasheet HTML 1Page - Alpha Wire 6360 Datasheet HTML 2Page - Alpha Wire 6360 Datasheet HTML 3Page - Alpha Wire 6360 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6360
Construction
 
Diameters (In)
1) Component 1
25 X 1 COND
 
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.016" Wall, Nom. Polyethylene, Foam
0.056
(1) Color Code
Alpha Wire Color Code F
Cond Color
Cond Color
Cond Color
1
BLACK
10
ORANGE/BLACK
19
BLUE/RED
2
WHITE
11
BLUE/BLACK20
RED/GREEN
3
RED
12
BLACK/WHITE
21
ORANGE/GREEN
4
GREEN
13
RED/WHITE22
BLACK/WHITE/RED
5
ORANGE
14
GREEN/WHITE
23
WHITE/BLACK/RED
6
BLUE
15
BLUE/WHITE24
RED/BLACK/WHITE
7
WHITE/BLACK
16
BLACK/RED25
GREEN/BLACK/WHITE
8
RED/BLACK17
WHITE/RED
 
9
GREEN/BLACK
18
ORANGE/RED
 
2) Cable Assembly
25 Components Cabled
 
a) Twists:
2.4 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
3) Shield:
Alum/Mylar Tape, 25% Overlap, Min.
 
a) Foil Direction
Foil Facing Out
 
b) Drain Wire
24 (7/32) AWG Tinned Copper
 
c) Braid
Tinned Copper,65% Coverage, Min.
 
4) Jacket
0.035" Wall, Nom.,PVC
0.432 (0.452 Max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6360 25C 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2919 LOW
VOLTAGE
COMPUTER CABLE --- LLXXXXXX CSA TYPE CMH FT1
CE ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.]


Similar Part No. - 6360

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63600-0021 MOLEX-63600-0021 Datasheet
544Kb / 6P
FineAdjust Applicator for Ultra-Fit Tangless Crimp Terminals
04-26-22
63600-0021 MOLEX-63600-0021 Datasheet
742Kb / 7P
FA2 Crimp Applicator for MX150 14 Grip Mat Seal Blade Terminals
05-03-22 Revision: A1
63600-0021 MOLEX-63600-0021 Datasheet
763Kb / 7P
FA2 Crimp Applicator for CTX50 Receptacle Terminal Unsealed
Revision: A 12-07-22
63600-0478 MOLEX-63600-0478 Datasheet
28Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
63600-0478 MOLEX-63600-0478 Datasheet
28Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results

Similar Description - 6360

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com