Electronic Components Datasheet Search
  English  ▼

X  

ASM1142 Datasheet(PDF) 1 Page - ASMedia Technology Inc

Part # ASM1142
Description  Bridge PCI Express to USB 3.1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASMEDIA [ASMedia Technology Inc]
Direct Link  https://www.asmedia.com.tw/
Logo ASMEDIA - ASMedia Technology Inc

ASM1142 Datasheet(HTML) 1 Page - ASMedia Technology Inc

  ASM1142 Datasheet HTML 1Page - ASMedia Technology Inc ASM1142 Datasheet HTML 2Page - ASMedia Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Speed Digital Switch
USB 3.1 Gen 1 / Gen 2
Controller
PCIE Bridge Controller
SATA Controller
ASM1142
♦General Description
ASM1142 is an ASMedia first Universal Serial Bus 3.1 host controller, compliant with
Intel eXtensible Hot Controller Interface specification revision 1.1, bridging PCI
Express interface to two ports of USB3.1, up to 10Gbps high speed bandwidth,
backward compatible with legacy USB function and devices. It can configure PCI
Express as Gen2x2 or Gen3x1, compliant with USB Attach SCSI Protocol revision
1.0, supporting the functions of debugport.
ASM1142 integrates ASMedia self-designed PCI Express/USB 3.1 PHY, and it also
integrates two internal regulators to supply normal core power and suspend core
power, supporting the driver on Windows 7, Windows 8.0, Windows 8.1 and various
Linux Kernels. The application of ASM1142 includes Motherboard, Desktop PC,
Notebooks, Workstations, Servers, Add-in card, PCI Express based embedded
platform.
♦Features
►General Feature
• Bridge PCI Express to USB 3.1
• Upload firmware through BIOS or external SPI ROM
• External 20MHz differential crystal
• Overclock capability on PCI Express bus under asynchronous mode
• integrate Spread Spectrum controller for PCI Express and USB3.1 interface
• Integrate two regulators for normal core power supply and suspend core power
supply
• Support driver on Windows 7, Windows 8, and Windows 8.1
• Support various Linux Kernels
►PCI Express Feature
• Support PCI Express Gen2x2 or Gen3x1
• Up to 10Gbps bandwidth performance with low latency
• Support PCI Express Link power management
• Compliant with PCI Express Base 3.0 Specification
• Compliant with PCI Express card Electromechanical 2.0 specification
• Compliant with PCI Express Mini Card Electromechanical 1.2 specification
• Compliant with Express Card Standard Revision 2.0
• Compliant with PCI Bus Power Management Interface Specification Revision 1.2
• Compliant with PCI Local Bus Specification Revision 3.0
• Support overclocking capability on PCI Express interface
►USB Feature
• Support two port of USB3.1
• Compliant with Universal Serial Bus 3.1 Specification Revision 1.0
• Compliant with Universal Serial Bus Specification Revision 2.0
• Compliant with eXtensible Host Controller Interface specification Revision 1.1
• Compliant with USB Attached SCSI Protocol Revision 1.0
• Support USB3.1 and USB2.0 Link Power Management
• Support Control, Bulk, Stream, Interrupt, Isochronous transfer type
• Support independent port power control
• Support over current detection
• Support Remote/Wakeup event
• Backward compatible with Legacy USB function and device
• Support the Debugport
♦Package Type
• Green package 9x9 QFN64 (Pb-free)-RoHS Compliance


Similar Part No. - ASM1142

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM1102 L-COM-ASM1102 Datasheet
187Kb / 1P
SMA STRAIGHT MALE CRIMP FOR RG316/LMR100
12/02/2009
More results

Similar Description - ASM1142

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
logo
PLX Technology
PEX8112 PLX-PEX8112 Datasheet
112Kb / 2P
ExpressLane??PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com