Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8663
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8663 Datasheet HTML 4Page - Analog Devices AD8663 Datasheet HTML 5Page - Analog Devices AD8663 Datasheet HTML 6Page - Analog Devices AD8663 Datasheet HTML 7Page - Analog Devices AD8663 Datasheet HTML 8Page - Analog Devices AD8663 Datasheet HTML 9Page - Analog Devices AD8663 Datasheet HTML 10Page - Analog Devices AD8663 Datasheet HTML 11Page - Analog Devices AD8663 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD8663/AD8667/AD8669
Data Sheet
Rev. D | Page 8 of 15
350
–40
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110 125
300
250
200
150
100
50
0
VSY – VOH @ 100µA
VSY – VOH @ 1mA
VOL @ 100µA
VOL @ 1mA
Figure 17. Output Voltage Saturation vs. Temperature
120
–80
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
100
80
60
40
20
0
–20
–40
–60
PHASE
GAIN
CL = 0pF
CL = 200pF
VSY = 5V
TA = 25°C
Figure 18. Open-Loop Gain and Phase Shift vs. Frequency
60
–40
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
40
20
0
–20
G = 1
G = 10
G = 100
VSY = 5V
TA = 25°C
Figure 19. Closed-Loop Gain vs. Frequency
140
–40
TEMPERATURE (°C)
–25
–10
5
20
35
50
65
80
95
110 125
120
100
80
60
40
20
0
VSY – VOH @ 100µA
VSY – VOH @ 1mA
VOL @ 100µA
VOL @ 1mA
Figure 20. Output Voltage Saturation vs. Temperature
120
–80
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
100
80
60
40
20
0
–20
–40
–60 VSY = 16V
TA = 25°C
PHASE
GAIN
CL = 0pF
CL = 200pF
Figure 21. Open-Loop Gain and Phase Shift vs. Frequency
60
–40
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
40
20
0
–20
G = 1
G = 10
G = 100
VSY = 16V
TA = 25°C
Figure 22. Closed-Loop Gain vs. Frequency, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com