Electronic Components Datasheet Search
  English  ▼

X  

LTC2050 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2050
Description  Zero-Drift Operational Amplifiers in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2050 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2050 Datasheet HTML 7Page - Analog Devices LTC2050 Datasheet HTML 8Page - Analog Devices LTC2050 Datasheet HTML 9Page - Analog Devices LTC2050 Datasheet HTML 10Page - Analog Devices LTC2050 Datasheet HTML 11Page - Analog Devices LTC2050 Datasheet HTML 12Page - Analog Devices LTC2050 Datasheet HTML 13Page - Analog Devices LTC2050 Datasheet HTML 14Page - Analog Devices LTC2050 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC2050/LTC2050HV
11
Rev. F
For more information www.analog.com
Single Supply Thermocouple Amplifier
Gain of 1001 Single Supply Instrumentation Amplifier
TYPICAL APPLICATIONS
2050 TA04
+
–
+
–
10k
10
10
10k
V+
V+
4
5
1
2
3
4
5
1
2
3
VOUT
–VIN
+VIN
LTC2050
LTC2050
OUTPUT DC OFFSET ≤ 6mV
FOR 0.1% RESISTORS, CMRR = 54dB
0.1µF
–
+
–
+
LT1025A
GND
K
R–
5V
0.1µF
LTC2050
5
1
4
5
4
3
2
2
TYPE K
7
VOUT
10mV/°C
1k
1%
255k
1%
100
0.068µF
2050 TA03
LT1025 COMPENSATES COLD JUNCTION
OVER 0°C TO 100°C TEMPERATURE RANGE
5V
Instrumentation Amplifier with 100V Common Mode Input Voltage
–
+
LTC2050HV
–
+
LTC2050HV
1M
1M
1
3
4
2050 TA06
1k
1M
1k
1k
VOUT
5
2
1
3
4
5
2
V+
V–
V+
V–
OUTPUT OFFSET ≤3mV
FOR 0.1% RESISTORS, CMRR = 54dB
+
–
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com