Electronic Components Datasheet Search
  English  ▼

X  

LTC2063ISC6TRMPBF Datasheet(PDF) 30 Page - Analog Devices

Part # LTC2063ISC6TRMPBF
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2063ISC6TRMPBF Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC2063ISC6TRMPBF Datasheet HTML 24Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 25Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 26Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 27Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 28Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 29Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 30Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 31Page - Analog Devices LTC2063ISC6TRMPBF Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC2063/LTC2064/LTC2065
30
Rev. C
For more information www.analog.com
PACKAGE DESCRIPTION
F14 TSSOP 0204
0.09 – 0.20
(.0035 – .0079)
0° – 8°
0.25
REF
0.50 – 0.75
(.020 – .030)
4.30 – 4.50**
(.169 – .177)
6.40
(.252)
BSC
1
3 4 5 6 7
8
4.90 – 5.10*
(.193 – .201)
14 13 12 11 10 9
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.19 – 0.30
(.0075 – .0118)
TYP
2
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
1.05 ±0.10
0.65 BSC
0.45 ±0.05
RECOMMENDED SOLDER PAD LAYOUT
4.50 ±0.10
6.60 ±0.10
F Package
14-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1650)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com