Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6248
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248 Datasheet(HTML) 4 Page - Analog Devices

  LTC6248 Datasheet HTML 1Page - Analog Devices LTC6248 Datasheet HTML 2Page - Analog Devices LTC6248 Datasheet HTML 3Page - Analog Devices LTC6248 Datasheet HTML 4Page - Analog Devices LTC6248 Datasheet HTML 5Page - Analog Devices LTC6248 Datasheet HTML 6Page - Analog Devices LTC6248 Datasheet HTML 7Page - Analog Devices LTC6248 Datasheet HTML 8Page - Analog Devices LTC6248 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC6246/LTC6247/LTC6248
4
Rev C
For more information www.analog.com
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
VCM = Half Supply
l
–250
–400
–10
250
400
nA
nA
VCM = V+ – 0.5V, NPN Mode
l
–250
–400
–10
250
400
nA
nA
en
Input Noise Voltage Density
f = 100kHz
4.2
nV/√Hz
Input 1/f Noise Voltage
f = 0.1Hz to 10Hz
1.6
µVP-P
in
Input Noise Current Density
f = 100kHz
2.0
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
2
0.8
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
32
14
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1k to Half Supply (Note 10)
l
30
14
45
V/mV
V/mV
RL = 100Ω to Half Supply (Note 10)
l
5
2.5
15
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.5V
l
78
76
110
dB
dB
ICMR
Input Common Mode Range
l
0
VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 5.25V
VCM = 1V
l
69
65
73
dB
dB
Supply Voltage Range (Note 6)
l
2.5
5.25
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
25
40
55
mV
mV
ISINK = 5mA
l
70
110
160
mV
mV
ISINK = 25mA
l
160
250
450
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
70
100
150
mV
mV
ISOURCE = 5mA
l
130
175
225
mV
mV
ISOURCE = 25mA
l
300
500
750
mV
mV
ISC
Output Short-Circuit Current
Sourcing
l
–80
–35
–30
mA
mA
Sinking
l
60
40
100
mA
mA
IS
Supply Current per Amplifier
VCM = Half Supply
l
0.95
1
1.4
mA
mA
VCM = V+ – 0.5V
l
1.25
1.4
1.8
mA
mA
ISD
Disable Supply Current per Amplifier
VSHDN = 0.8V
l
42
75
200
µA
µA
ISHDNL
SHDN Pin Current Low
VSHDN = 0.8V
l
–3
–4
–1.6
0
0
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com