Electronic Components Datasheet Search
  English  ▼

X  

OP281GS Datasheet(PDF) 3 Page - Analog Devices

Part # OP281GS
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP281GS Datasheet(HTML) 3 Page - Analog Devices

  OP281GS Datasheet HTML 1Page - Analog Devices OP281GS Datasheet HTML 2Page - Analog Devices OP281GS Datasheet HTML 3Page - Analog Devices OP281GS Datasheet HTML 4Page - Analog Devices OP281GS Datasheet HTML 5Page - Analog Devices OP281GS Datasheet HTML 6Page - Analog Devices OP281GS Datasheet HTML 7Page - Analog Devices OP281GS Datasheet HTML 8Page - Analog Devices OP281GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
OP281/OP481
Rev. D | Page 3 of 20
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VS = 3.0 V, VCM = 1.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage1
VOS
1.5
mV
−40°C ≤ TA ≤ +85°C
2.5
mV
Input Bias Current
IB
−40°C ≤ TA ≤ +85°C
3
10
nA
Input Offset Current
IOS
−40°C ≤ TA ≤ +85°C
0.1
7
nA
Input Voltage Range
0
2
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.0 V, −40°C ≤ TA ≤ +85°C
65
95
dB
Large-Signal Voltage Gain
AVO
RL = 1 MΩ, VO = 0.3 V to 2.7 V
5
13
V/mV
−40°C ≤ TA ≤ +85°C
2
V/mV
Offset Voltage Drift
ΔVOS/∆T
−40°C to +85°C
10
μV/°C
Bias Current Drift
ΔIB/ΔT
20
pA/°C
Offset Current Drift
ΔIOS/ΔT
2
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 kΩ to GND, −40°C ≤ TA ≤ +85°C
2.925
2.96
V
Output Voltage Low
VOL
RL = 100 kΩ to V+, −40°C ≤ TA ≤ +85°C
25
75
mV
Short-Circuit Limit
ISC
±1.1
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V, −40°C ≤ TA ≤ +85°C
76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3
4
μA
−40°C ≤ TA ≤ +85°C
5
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 kΩ, CL = 50 pF
25
V/ms
Turn-On Time
AV = 1, VO = 1 V
40
μs
AV = 20, VO = 1 V
50
μs
Saturation Recovery Time
65
μs
Gain Bandwidth Product
GBP
95
kHz
Phase Margin
φM
70
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
μV p-p
Voltage Noise Density
en
f = 1 kHz
75
nV/√Hz
Current Noise Density
in
<1
pA/√Hz
1 VOS is tested under a no load condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com