Electronic Components Datasheet Search
  English  ▼

X  

LTC6248IMSPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6248IMSPBF
Description  180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248IMSPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6248IMSPBF Datasheet HTML 9Page - Analog Devices LTC6248IMSPBF Datasheet HTML 10Page - Analog Devices LTC6248IMSPBF Datasheet HTML 11Page - Analog Devices LTC6248IMSPBF Datasheet HTML 12Page - Analog Devices LTC6248IMSPBF Datasheet HTML 13Page - Analog Devices LTC6248IMSPBF Datasheet HTML 14Page - Analog Devices LTC6248IMSPBF Datasheet HTML 15Page - Analog Devices LTC6248IMSPBF Datasheet HTML 16Page - Analog Devices LTC6248IMSPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC6246/LTC6247/LTC6248
13
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Response
Small Signal Response
Output Overdriven Recovery
Settling Time vs Output Step
(Inverting)
SHDN Pin Response Time
OUTPUT STEP (V)
–4
200
180
160
140
40
60
80
100
120
20
0
–3
–1
624678 G43
4
10mV
0
1
3
2
–2
1k
1k
1k
VOUT
VIN
VS = ±2.5V
AV = –1
TA = 25°C
1mV
10mV
1mV
VOUT
1.6V/DIV
AV = 1
VS = ±2.5V
RL = 1k
VIN = 1.6V
VSHDN
2.5V/DIV
0V
0V
624678 G44
10µs/DIV
1V/DIV
0V
AV = 1
VS = ±2.5V
RL = 1k
624678 G45
200ns/DIV
25mV/DIV
0V
AV = 1
VS = ±2.5V
RL = 1k
624678 G46
50ns/DIV
VOUT
2V/DIV
AV = ±2
VS = ±2.5V
RL = 1k
VIN = 3VP-P
VIN
1V/DIV
0V
0V
624678 G47
100ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com