Electronic Components Datasheet Search
  English  ▼

X  

LTC2064 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC2064
Description  10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2064 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC2064 Datasheet HTML 17Page - Analog Devices LTC2064 Datasheet HTML 18Page - Analog Devices LTC2064 Datasheet HTML 19Page - Analog Devices LTC2064 Datasheet HTML 20Page - Analog Devices LTC2064 Datasheet HTML 21Page - Analog Devices LTC2064 Datasheet HTML 22Page - Analog Devices LTC2064 Datasheet HTML 23Page - Analog Devices LTC2064 Datasheet HTML 24Page - Analog Devices LTC2064 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC2066/LTC2067/LTC2068
21
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
90V High Side Current Sense
This micropower precision LTC2066 high side current
sense circuit measures currents from 100μA to 250mA
over a 4.5V to 90V input voltage range.
The output of this circuit is:
VOUT =
ROUT •RSENSE
RIN
ISENSE = 10 •ISENSE
The LTC2066’s low typical input offset voltage of 1μV and
low input bias current of 5pA contribute output errors
that are much smaller than the error due to precision
limitations of the resistors used. Thus, output accuracy
is mainly set by the accuracy of the resistors RSENSE, RIN,
and ROUT. R1 helps cancel out parasitic Seebeck effect
voltages at –IN by balancing with an identical voltage
at +IN.
The LT1389-4.096 reference, along with the bootstrap
circuit composed of M2, R3, and D1, establishes a very
low power isolated 3V rail that protects the LTC2066 from
reaching its absolute maximum voltage of 5.5V while
allowing for much higher input voltages.
Since the LTC2066’s gain-bandwidth product is 100kHz,
it is recommended to use this circuit to measure currents
that do not change faster than 10kHz. Note that the output
filter as drawn will limit the frequency to 1.5Hz, which
optimizes for lowest noise. If this output filter bandwidth
is too narrow, removing C4 leads to an output filter with
318Hz bandwidth, created by C3 and ROUT.
VOUT = 10 • ISENSE
1mV TO 2.5V
VIN
4.5V TO 90V
2066 F11
R1
49.9
0.1%
D1
1N4148
REF
LT1389-4.096
C1
3.3µF
R3
499k
RSENSE
0.1
ROUT
4.99k
0.1%
C4
22µF
C3
100nF
BSP322P
M1
RIN
49.9
0.1%
C2
10µF
BSP322P
M2
ISENSE
100µA to 250mA
LOAD
LTC2066
Figure 11. High Side Current Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com