Electronic Components Datasheet Search
  English  ▼

X  

LTC2050 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2050
Description  2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2050 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2050 Datasheet HTML 18Page - Analog Devices LTC2050 Datasheet HTML 19Page - Analog Devices LTC2050 Datasheet HTML 20Page - Analog Devices LTC2050 Datasheet HTML 21Page - Analog Devices LTC2050 Datasheet HTML 22Page - Analog Devices LTC2050 Datasheet HTML 23Page - Analog Devices LTC2050 Datasheet HTML 24Page - Analog Devices LTC2050 Datasheet HTML 25Page - Analog Devices LTC2050 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2063/LTC2064/LTC2065
22
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Precision Micropower Low Side Current Sense
GAIN = 2.5V/10mV
VOUT = 2.5V/1A × ILOAD
12V
2063 TA02
–
+
3.3V
2.49M
10k
10m
LOAD
ILOAD
LTC2063
Micropower 16-Bit Data Acquisition
INPUT
3
SPI
2063 TA04
–
+
3V
2.49M
10k
10k
VCC
REF
LTC2063
LTC1864L
10µF
1µF
GND
IN–
IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com