Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 19 Page - Analog Devices

Part # LT6232
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices LT6232 Datasheet HTML 17Page - Analog Devices LT6232 Datasheet HTML 18Page - Analog Devices LT6232 Datasheet HTML 19Page - Analog Devices LT6232 Datasheet HTML 20Page - Analog Devices LT6232 Datasheet HTML 21Page - Analog Devices LT6232 Datasheet HTML 22Page - Analog Devices LT6232 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
LTC6228/LTC6229
19
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 2. 7pF Feedback Cancels Parasitic Pole
inverting input will cause the part to oscillate, due to the
pole formed at 45MHz. Adding a capacitor of 7pF across
the feedback resistor as shown in Figure 2 will eliminate
any ringing or oscillation. In general, if the resistive feed-
back network results in a pole whose frequency lies within
the closed loop bandwidth of the amplifier, a capacitor can
be added in parallel with the feedback resistor to introduce
a zero whose frequency is close to the frequency of the
pole, improving stability.
Power Dissipation
Care must be taken to ensure that the junction tempera-
ture of the die does not exceed 150°C.
The junction temperature, TJ, is calculated from the ambi-
ent temperature, TA, power dissipation, PD, and thermal
resistance, θJA:
TJ = TA + (PD • θJA).
The power dissipation in the IC is a function of the supply
voltage, output voltage and load resistance. For a given
supply voltage with output load connected to mid supply,
the worst-case power dissipation PD(MAX) occurs when
the supply current is maximum and the output voltage at
half of either supply voltage for a given load resistance.
PD(MAX) is approximately (since IS actually changes with
output load current) given by:
PD(MAX) = (2 • VS • IS(MAX)) + (VS/2)2/RL
Example: For an LTC6228 in a 6-lead DC package operat-
ing on ±5V supplies and driving a 500Ω load to ground,
the worst-case power dissipation is approximately given
by PD(MAX)/Amp = (10 • 19mA) + (5)2/500 = 240mW.
At the Absolute Maximum ambient operating temperature,
the junction temperature under these conditions will be:
TJ = TA + (PD • θJA) = 125 + 0.24 • 80 = 144.2°C
which is slightly less than the absolute maximum junction
temperature for the LTC6228/LTC6229.
Refer to the Pin Configuration section for thermal resis-
tances of various packages
Board Layout and Bypass Capacitors
High speed and RF board layout techniques should be
used due to the very high speeds of the signals involved.
For the LTC6228 SOIC-8 package option, the feedback
should be taken from the FB pin rather than from the
output pin, to reduce signal trace length.
For high speed designs, minimizing parasitic inductance
is important. The use of capacitors where the electrodes
are terminated on the long side instead of the short side
(for example the use of 0306 instead of 0603 compo-
nents) can help in this regard.
Shutdown
The LTC6228/LTC6229 have shutdown pins (SHDN),
which disable the amplifiers and reduce the quiescent
current per channel to approximately 500µA. The SHDN
pin needs to be driven at least 2.75V below V+ to disable
amplifier operation. For total supply voltages of 5V and or
less, the amplifier can be disabled at a pin voltage of V+ –
2.65V. During shutdown, the output transistors Q15 and
Q14 in Figure 1 are placed into a high impedance state. If
SHDN is left floating, the pin is internally biased to 1.2V
below the positive supply, and the amplifier remains on.
6228 F02
7pF
1k
1k
CPAR
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com