Electronic Components Datasheet Search
  English  ▼

X  

LT1994 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1994
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1994 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1994 Datasheet HTML 12Page - Analog Devices LT1994 Datasheet HTML 13Page - Analog Devices LT1994 Datasheet HTML 14Page - Analog Devices LT1994 Datasheet HTML 15Page - Analog Devices LT1994 Datasheet HTML 16Page - Analog Devices LT1994 Datasheet HTML 17Page - Analog Devices LT1994 Datasheet HTML 18Page - Analog Devices LT1994 Datasheet HTML 19Page - Analog Devices LT1994 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
LTC6363 Family
16
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Applicable to the LTC6363-0.5 only.
Small Signal Step Response
Differential Input Offset Voltage
vs Input Common Mode Voltage
Input Common Mode Rejection
Ratio vs Frequency
Slew Rate vs Temperature
Gain vs Frequency
Typical Distribution of Differential
Gain Drift
Typical Distribution of Differential
Gain Error
Large Signal Step Response
Frequency Peaking vs Load
Capacitance
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
FREQUENCY(Hz)
100k
1M
10M
100M
–18
–15
–12
–9
–6
–3
0
6363 G31
VS = ±5V
70 UNITS
DIFFERENTIAL GAIN DRIFT (ppm/°C)
–0.5 –0.4 –0.3 –0.2 –0.1 0.0 0.1 0.2 0.3 0.4 0.5
0
5
10
15
20
25
30
35
40
45
50
6363 G34
VS = ±5V
FREQUENCY(Hz)
1k
10k
100k
1M
10M
100M
50
60
70
80
90
100
110
6363 G37
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VOUTDIFF = 18VP-P
SINGLE-ENDED INPUT
SLEW MEASURED 10% to 90%
6363 G35
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
30
35
40
45
50
55
60
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VINDIFF = 36VP-P
SINGLE-ENDED INPUT
6363 G39
400ns/DIV
20mV/DIV
V+OUT
V–OUT
VS = ±5V
VICM = VOCM = 0V
RLOAD = 2k DIFF
VINDIFF = 500mVP-P
SINGLE-ENDED
6363 G38
200ns/DIV
20mV/DIV
V+OUT
V–OUT
VS = ±5V
VOCM = 0V
LTC6363-0.5
TA = 125°C
TA = 85°C
TA = 25°C
TA = –40°C
INPUT COMMON MODE VOLTAGE (V)
–20 –16 –12 –8 –4
0
4
8
12 16
–500
–400
–300
–200
–100
0
100
200
300
400
500
6363 G36
OUTPUTS MEASURED
AFTER SERIES RESISTORS
label2
label3
VS = ±5V
VICM = VOCM = 0V
RSER = 30Ω
RSER = 10Ω
CAPACITIVE LOAD (pF)
10
100
1000
10000 50000
0
1
2
3
4
5
6
7
8
9
10
6363 G32
VS = ±5V
72 UNITS
DIFFERENTIAL GAIN ERROR (ppm)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
6363 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com