Electronic Components Datasheet Search
  English  ▼

X  

AD4020 Datasheet(PDF) 10 Page - Analog Devices

Part # AD4020
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4020 Datasheet HTML 6Page - Analog Devices AD4020 Datasheet HTML 7Page - Analog Devices AD4020 Datasheet HTML 8Page - Analog Devices AD4020 Datasheet HTML 9Page - Analog Devices AD4020 Datasheet HTML 10Page - Analog Devices AD4020 Datasheet HTML 11Page - Analog Devices AD4020 Datasheet HTML 12Page - Analog Devices AD4020 Datasheet HTML 13Page - Analog Devices AD4020 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC6228/LTC6229
10
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Distribution
Offset Distribution
Offset Distribution
VS = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
VS = ±5V
VCM = 0V
TA = 25°C
INPUT OFFSET VOLTAGE (µV)
–60–50–40–30–20–10 0 10 20 30 40 50 60
0
5
10
15
20
25
30
35
40
45
50
6228 G01
VOS vs Temperature, 10V Supply
VOS vs Temperature, 5V Supply
VOS vs Temperature, 3V Supply
Offset Voltage vs Input Common
Mode Voltage
Offset Voltage vs Output Current
Warm Up Drift vs Time
INPUT OFFSET VOLTAGE (µV)
–60–50–40–30–20–10 0 10 20 30 40 50 60
0
5
10
15
20
25
30
35
40
45
50
6228 G02
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
INPUT OFFSET VOLTAGE (µV)
–60–50–40–30–20–10 0 10 20 30 40 50 60
0
5
10
15
20
25
30
35
40
45
50
6228 G03
VS = 3V, 0V
VCM = 1.5V
TA = 25°C
VS = ±5V
VCM = 0V
5 DEVICES
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0
20
40
60
80
100
120
140
160
6228 G04
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0
20
40
60
80
100
120
140
160
6228 G05
VS = ±2.5V
VCM = 0V
5 DEVICES
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0
20
40
60
80
100
120
140
160
6228 G06
VS = 3V, 0V
VCM = 1.5V
5 DEVICES
TA = 125°C
TA = 25°C
TA = –55°C
VS = ±5V
TA = 85°C
INPUT COMMON MODE VOLTAGE (V)
–6 –5 –4 –3 –2 –1 0 1 2 3 4 5
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
6228 G07
TA = 125°C
TA = 25°C
TA = –55°C
VS = ±5V
TA = 85°C
OUTPUT CURRENT (mA)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
20
40
60
80
100
120
140
160
180
200
6228 G08
VS = ±5V
TA=25°C
TIME AFTER POWER UP (s)
0
1
2
3
4
5
6
7
8
–10
0
10
20
30
40
50
Warm–up Drift vs Time
6228 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com