Electronic Components Datasheet Search
  English  ▼

X  

LTC6248 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6248
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6248 Datasheet(HTML) 4 Page - Analog Devices

  LTC6248 Datasheet HTML 1Page - Analog Devices LTC6248 Datasheet HTML 2Page - Analog Devices LTC6248 Datasheet HTML 3Page - Analog Devices LTC6248 Datasheet HTML 4Page - Analog Devices LTC6248 Datasheet HTML 5Page - Analog Devices LTC6248 Datasheet HTML 6Page - Analog Devices LTC6248 Datasheet HTML 7Page - Analog Devices LTC6248 Datasheet HTML 8Page - Analog Devices LTC6248 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC6255/LTC6256/LTC6257
4
Rev E
For more information www.analog.com
5V ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VSUPPLY = 5V, VCM = VOUT = VSUPPLY/2, CL = 10pF, VSHDN is unconnected.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
in
Input Current Noise Density
f = 1kHz, VCM = 0V to 4V (PNP Input)
f = 1kHz, VCM = 4V to 5V (NPN Input)
380
850
fA/√Hz
fA/√Hz
RIN
Input Resistance
Differential
Common Mode
1
10
MΩ
MΩ
CIN
Input Capacitance
Differential
Common Mode
0.4
0.3
pF
pF
CMRR
Common Mode Rejection Ratio
VCM = 0.3V to 3.5V
l
75
71
100
dB
dB
IVR
Input Voltage Range
l
–0.1
5.1
V
PSRR
Power Supply Rejection Ratio
VCM = 0.4V, VS Ranges from 1.8V to 5V
l
82
78
100
dB
dB
AV
Large Signal Gain
VOUT = 0.5V to 4.5V, RLOAD = 100k
l
50
28
200
V/mV
V/mV
VOUT = 0.5V to 4.5V, RLOAD = 10k
l
25
8
50
V/mV
V/mV
VOL
Output Swing Low (Input Overdrive 30mV).
Measured from V–
No Load
l
6
25
35
mV
mV
ISINK = 100µA
l
10
30
40
mV
mV
ISINK = 1mA
l
30
75
95
mV
mV
VOH
Output Swing High (Input Overdrive 30mV).
Measured from V+
No Load
l
24
55
60
mV
mV
ISOURCE = 100µA
l
30
80
90
mV
mV
ISOURCE = 1mA
l
75
150
170
mV
mV
ISC
Output Short-Circuit Current
l
17
8
35
mA
mA
IS
Supply Current per Amplifier
l
57
42
65
85
100
µA
µA
Supply Current in Shutdown
l
6
7
12
µA
µA
ISHDN
Shutdown Pin Current
VSHDN = 0.6V
VSHDN = 1.5V
l
l
–1400
–900
–1000
–500
nA
nA
VIL
SHDN Input Low Voltage
Disable
l
0.6
V
VIH
SHDN Input High Voltage
Enable
l
1.5
V
tON
Turn-On Time
SHDN Toggle from 0V to 5V
50
µs
tOFF
Turn-Off Time
SHDN Toggle from 5V to 0V
20
µs
BW
–3dB Closed Loop Bandwidth
AV = 1
4.5
MHz
GBW
Gain-Bandwidth Product
f = 200kHz
l
2.5
2
6.5
MHz
MHz
tS
Settling Time, 0.5V to 4.5V, Unity Gain
0.1%
0.01%
4
6
µs
µs
SR
Slew Rate
AV = –1, VOUT = 0.5V to 4.5V, CLOAD = 10pF,
RF = RG = 10kΩ
l
1.0
0.75
1.8
V/µs
V/µs
FPBW
Full Power Bandwidth (Note 8)
4VP-P
140
kHz
THD+N
Total Harmonic Distortion and Noise
f = 500Hz, AV = 2, RL = 4kΩ, VOUTP-P = 1V
VIN = 2.25V to 2.75V
0.0022
93
%
dB
ILEAK
Output Leakage Current in Shutdown
VSHDN = 0V, VOUT = 0V
VSHDN = 0V, VOUT = 5V
l
l
–400
–400
400
400
nA
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com