Electronic Components Datasheet Search
  English  ▼

X  

LT6000 Datasheet(PDF) 7 Page - Analog Devices

Part # LT6000
Description  6.5MHz, 65μA Power Efficient Rail-to-Rail I/O Op Amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6000 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT6000 Datasheet HTML 3Page - Analog Devices LT6000 Datasheet HTML 4Page - Analog Devices LT6000 Datasheet HTML 5Page - Analog Devices LT6000 Datasheet HTML 6Page - Analog Devices LT6000 Datasheet HTML 7Page - Analog Devices LT6000 Datasheet HTML 8Page - Analog Devices LT6000 Datasheet HTML 9Page - Analog Devices LT6000 Datasheet HTML 10Page - Analog Devices LT6000 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC6255/LTC6256/LTC6257
Rev E
7
For more information www.analog.com
DISTRIBUTION (µV/°C)
–3.5
20
8
18
16
4
2
6
10
12
14
0
0.5
–2.5
625567 G04
1.5
0
–0.5
–1.5
Primary
Secondary
Extra
Bar
H-GRADE
INDUSTRIAL
COMMERCIAL
VS = ±2.5V
VCM = 0V
TYPICAL PERFORMANCE CHARACTERISTICS
VOS TC (–40°C to 125°C)
VOS vs Supply Voltage (25°C)
VOS vs Common Mode
Voltage
VOS vs IOUT
Input Bias Current vs Common
Mode Voltage
Input Bias Current vs Common
Mode Voltage
Input VOS Histogram
Input VOS Histogram
VOS vs Temperature
VCM (V)
0
500
–100
400
200
0
–300
300
100
–400
–200
–500
3
625567 G06
5
4
2
1
VS = 5V, 0V
SUPPLY VOLTAGE (V)
1.8
500
–100
400
200
0
–300
300
100
–400
–200
–500
625567 G05
2.3
2.8
3.3
3.8
4.3
4.8
VCM = 0.4V
IOUT (mA)
–5
0
25
–5
20
10
0
–15
15
5
–20
–10
–25
3
–3
625567 G07
5
4
–4
2
–2
1
–1
–55°C, 25°C
125°C
VS = ±2.5V
VCM = 0V
VCM (V)
0
100
–20
80
40
0
–60
60
20
–80
–40
–100
3
625567 G08
5
4
2
1
VS = 5V, 0V
+IN
–IN
VCM (V)
0
100
–20
80
40
0
–60
60
20
–80
–40
–100
625567 G09
1.8
1.6
1.4
1.2
1.0
0.2 0.4 0.6 0.8
VS = 1.8V, 0V
+IN
–IN
VOS (µV)
–1000
250
200
150
100
50
0
0
625567 G01
1000
500
–500
VS = ±2.5V
VCM = 0V
VOS (µV)
–1000
140
120
100
80
60
20
40
0
625567 G02
1000
600
200
–600
–200
VS = ±2.5V
VCM = 2.2V
TEMPERATURE (°C)
–40
35
300
–200
250
200
150
100
50
0
–300
–350
–250
–150
–100
–50
–400
80
–10
625567 G03
125
95 110
–25
65
5
50
20
VS = ±2.5V
VCM = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com