Electronic Components Datasheet Search
  English  ▼

X  

GWQSLMS2.HM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GWQSLMS2.HM
Description  The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWQSLMS2.HM Datasheet(HTML) 3 Page - OSRAM GmbH

  GWQSLMS2.HM Datasheet HTML 1Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 2Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 3Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 4Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 5Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 6Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 7Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 8Page - OSRAM GmbH GWQSLMS2.HM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
GW QSLMS2.HM
DATASHEET
DATASHEET
3 | Version 1.0 | 2023-05-29
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 65 mA
Φ
V
GW QSLMS2.HM-H4H5-XX510-1U1V
2200 K
33.0 ... 36.0 lm Q65113A5632
GW QSLMS2.HM-H6H7-XX58-1U1V
2700 K
36.0 ... 39.0 lm Q65113A5710
GW QSLMS2.HM-H7H9-XX57-1U1V
3000 K
37.5 ... 42.0 lm Q65113A5631
GW QSLMS2.HM-H8H9-XX56-1U1V
3500 K
39.0 ... 42.0 lm Q65113A5626
GW QSLMS2.HM-H8H9-XX55-1U1V
4000 K
39.0 ... 42.0 lm Q65113A5627
GW QSLMS2.HM-H8H9-XX53-1U1V
5000 K
39.0 ... 42.0 lm Q65113A5628
GW QSLMS2.HM-H8H9-XX52-1U1V
5700 K
39.0 ... 42.0 lm Q65113A5629
GW QSLMS2.HM-H8H9-XX51-1U1V
6500 K
39.0 ... 42.0 lm Q65113A5630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com