Electronic Components Datasheet Search
  English  ▼

X  

GU1085 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GU1085
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU1085 Datasheet(HTML) 2 Page - GTM CORPORATION

  GU1085 Datasheet HTML 1Page - GTM CORPORATION GU1085 Datasheet HTML 2Page - GTM CORPORATION GU1085 Datasheet HTML 3Page - GTM CORPORATION GU1085 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GU1085
Page: 2/4
ISSUED DATE :2005/06/01
REVISED DATE :2006/06/01C
Pin Descriptions
Name
I/O
Pin#
Function
Adj (GND)
1
Adjustable (Ground only for fixed mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin to
ground to insure stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground
to insure that the input voltage does not sag below the minimum dropout voltage during the load
transient response. This pin must always be 1.4V higher than Vout in order for the device to
regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 ~ + 150
:
TOP
Operating Junction Temperature Range
0 ~ + 150
:
Electrical Characteristics
Parameter
Conditions
MIN
TYP
MAX
UNIT
Reference Voltage
GU1085-ADJ
Io=10mA, TJ =25 ,
: (Vin-Vout )=1.5V
1.225
1.250
1.275
V
GU1085-1.5
Io=10mA, TJ =25 ,
: 3.0V Vin 12V
1.470
1.500
1.530
V
GU1085-1.8
Io=10mA, TJ =25 ,
: 3.3V Vin 12V
1.764
1.800
1.836
V
GU1085-2.5
Io=10mA, TJ =25 ,
: 4.0V Vin 12V
2.450
2.500
2.550
V
GU1085-3.3
Io=10mA, TJ =25 ,
: 4.8V Vin 12V
3.235
3.300
3.365
V
Output Voltage
GU1085-5.0
Io=10mA, TJ =25 ,
: 6.5V Vin 12V
4.900
5.000
5.100
V
Line Regulator
GU1085-XXX
Io=10mA, Vout+1.5<Vin<12
-
-
0.2
%
GU1085-ADJ
Vin=3.3V, 0mA<Io<3A, TJ=25 : (Note 1,2)
-
-
1
%
GU1085-1.5
Vin=3.0V, 0mA<Io<3A, TJ=25 : (Note 1,2)
-
12
15
mV
GU1085-1.8
Vin=3.3V, 0mA<Io<3A, TJ =25 : (Note 1,2)
-
15
18
mV
GU1085-2.5
Vin=4.0V, 0mA<Io<3A, TJ=25 : (Note 1,2)
-
20
25
mV
GU1085-3.3
Vin=5.0V, 0mA<Io<3A, TJ=25 : (Note 1,2)
-
26
33
mV
Load Regulation
GU1085-5.0
Vin=8.0V, 0mA<Io<3A, TJ=25 : (Note 1,2)
-
40
50
mV
Dropout Voltage
(Vin-Vout)
GU1085-XXX
Io=3A( Vout=1% Vout)
-
1.3
1.4
V
Current Limit
GU1085-XXX
Vin-Vout=5V
3.1
-
-
A
Minimum Load Current Adjustable model
Vin=5V
-
5
10
mA
Adjust Pin Current
Adjustable model
Vin=12V, Io=10mA
-
55
100
uA
Quiescent Current
fixed model
Vin=12V, Io=0mA
-
-
12
mA
Thermal Regulation
TA=25 : , 30ms pulse
-
0.008
0.04
%/W
F=120Hz, COUT=25uF, Tantalum, Io=3A
Ripple Rejection
GU1085-XXX
Vin=Vout+3V
-
60
70
dB
Temperature Stability
Io=10mA
-
0.5
-
%
Thermal Resistance
Junction–to-Ambient
(No heat sink ;No air flow)
-
91
-
/
: W
Thermal Resistance
Junction-to-Case
Control Circuitry/Power Transistor
-
10
-
/
: W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction Temperature by low duty cycle pulse testing. Load regulation is measured at the output lead =1/18” from the
package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full
input/output range.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com