Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVT
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62290DRVT Datasheet HTML 1Page - Texas Instruments TPS62290DRVT Datasheet HTML 2Page - Texas Instruments TPS62290DRVT Datasheet HTML 3Page - Texas Instruments TPS62290DRVT Datasheet HTML 4Page - Texas Instruments TPS62290DRVT Datasheet HTML 5Page - Texas Instruments TPS62290DRVT Datasheet HTML 6Page - Texas Instruments TPS62290DRVT Datasheet HTML 7Page - Texas Instruments TPS62290DRVT Datasheet HTML 8Page - Texas Instruments TPS62290DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
GND
EN
FB
SW
TPS62290DRV
L1
2 .2 mH
C IN
10 mF
R 1
R 2
C 1
22 pF
C OUT
10 mF
V OUT
MODE
VIN
L:LPS30152.2 H,110m
C
:GRM188R60J106M10 FMurata0603size
m
W
m
IN
C
:GRM188R60J106M10 FMurata0603size
OUT
m
TYPICAL CHARACTERISTICS
TPS62290
SLVS764 – JUNE 2007
Table 1. Table Of Graphs
FIGURE
Efficiency
vs VO 1.8 V Power Save Mode
Figure 1
Efficiency
vs VO 1.8 V Forced Save Mode
Figure 2
Efficiency
vs VO 3.3 V Power Save Mode
Figure 3
Efficiency
vs VO 3.3 V Forced Save Mode
Figure 4
VO ACCURACY
Figure 5
PFM LOAD TRANSIENT
Figure 6
PFM LINE TRANSIENT
Figure 7
PWM LOAD TRANSIENT
Figure 8
PWM LINE TRANSIENT
Figure 9
TYPICAL OPERATION PFM
Figure 10
MODE
TYPICAL OPERATION PWM
Figure 11
MODE
Shutdown Current Into VIN
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 12
Quiescent Current
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 13
Figure 14
Static Drain-Source On-State
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Resistance
Figure 15
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com