Electronic Components Datasheet Search
  English  ▼

X  

TEA5582 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA5582
Description  PLL stereo decoder BTSC system
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5582 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA5582 Datasheet HTML 4Page - NXP Semiconductors TEA5582 Datasheet HTML 5Page - NXP Semiconductors TEA5582 Datasheet HTML 6Page - NXP Semiconductors TEA5582 Datasheet HTML 7Page - NXP Semiconductors TEA5582 Datasheet HTML 8Page - NXP Semiconductors TEA5582 Datasheet HTML 9Page - NXP Semiconductors TEA5582 Datasheet HTML 10Page - NXP Semiconductors TEA5582 Datasheet HTML 11Page - NXP Semiconductors TEA5582 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
July 1990
8
Philips Semiconductors
Product specification
PLL stereo decoder (BTSC system)
TEA5582
Notes
1. Guaranteed for mono, mono
+ pilot and stereo.
2. Adjustable.
3. S1 closed; reference: AF output voltage f = 1 kHz (mono).
4. Intermodulation suppression (Beat-Frequency Components (BFC)):
measured with 100% modulated input signal: L = R; pilot signal = 200 mV p-p; fm = 8.367 or 10.823 kHz.
DC offset voltage at outputs
mute OFF-to-ON
∆V
−
10
50
mV
mute ON-to-OFF
∆V
−
10
50
mV
Source selector (pin 6)
Suppression of MUX signal
V6 ≥ 2 V
α
80
90
−
dB
Suppression of external signal
V6 ≤ 0.8 V
α
56
60
−
dB
Switching level
MUX selected
voltage
VIL
−−
0.8
V
current
VI = 0.8 V
IIL
−
10
25
µA
Switching level
external selected
voltage
VIH
2
−
VP
V
current
VI = VP
IIH
−
0.1
1
µA
Muting circuit (pin 7)
Input voltage
mute ON
VIL
−−
0.8
V
mute OFF
VIH
2
−
VP
V
Input current
mute ON;
VIL = 0.8 V
−IIL
−
10
25
µA
mute OFF;
VIH = VP
IIL
−
0.1
1
µA
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
α
2
V
o signal
()
at 1 kHz
()
V
o spurious
()
at 1 kHz
()
---------------------------------------------------------------- ;f
s
2
8.367 kHz
×
() fH
–
=
=
α
3
V
o signal
() at 1 kHz
()
V
o spurious
() at 1 kHz
()
------------------------------------------------------------- f
s
3
10.823 kHz
×
() 2fH
–
=
;
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com