Electronic Components Datasheet Search
  English  ▼

X  

AME8570 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8570
Description  mProcessor Supervisory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8570 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8570 Datasheet HTML 1Page - Analog Microelectronics AME8570 Datasheet HTML 2Page - Analog Microelectronics AME8570 Datasheet HTML 3Page - Analog Microelectronics AME8570 Datasheet HTML 4Page - Analog Microelectronics AME8570 Datasheet HTML 5Page - Analog Microelectronics AME8570 Datasheet HTML 6Page - Analog Microelectronics AME8570 Datasheet HTML 7Page - Analog Microelectronics AME8570 Datasheet HTML 8Page - Analog Microelectronics AME8570 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AME, Inc.
5
Rev. A.01
AME8570
µProcessor Supervisory
n Ordering Information
Note: ww & w represents the date code and pls refer to the Date Code Rule on Package Dimension.
* A line on top of the first letter represents lead free plating such as BJOww.
Pls consult AME sales office or authorized Rep./Distributor for the availability of output voltage or package type.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8570AEETAF23Z
BJOww
2.32V
SOT-23
-40
oC to 85oC
AME8570AEITAF23Z
BJPw
2.32V
SC-70-3
-40
oC to 85oC
AME8570AEIUAF23Z
BJQw
2.32V
SC-70-4
-40
oC to 85oC
AME8570AEETAF26Z
BJRww
2.63V
SOT-23
-40
oC to 85oC
AME8570AEITAF26Z
BJSw
2.63V
SC-70-3
-40
oC to 85oC
AME8570AEIUAF26Z
BJTw
2.63V
SC-70-4
-40
oC to 85oC
AME8570AEETAF29Z
BJUww
2.93V
SOT-23
-40
oC to 85oC
AME8570AEITAF29Z
BJVw
2.93V
SC-70-3
-40
oC to 85oC
AME8570AEIUAF29Z
BJWw
2.93V
SC-70-4
-40
oC to 85oC
AME8570AEETCF29Z
BJXww
2.93V
SOT-23
-40
oC to 85oC
AME8570AEITCF29Z
BJYw
2.93V
SC-70-3
-40
oC to 85oC
AME8570AEIUCF29Z
BJZw
2.93V
SC-70-4
-40
oC to 85oC
AME8570AEETAF31Z
BKAww
3.08V
SOT-23
-40
oC to 85oC
AME8570AEITAF31Z
BKBw
3.08V
SC-70-3
-40
oC to 85oC
AME8570AEIUAF31Z
BKCw
3.08V
SC-70-4
-40
oC to 85oC
AME8570AEETBF31Z
BKDww
3.08V
SOT-23
-40
oC to 85oC
AME8570AEITBF31Z
BKEw
3.08V
SC-70-3
-40
oC to 85oC
AME8570AEIUBF31Z
BKFw
3.08V
SC-70-4
-40
oC to 85oC
AME8570AEETAF46Z
BKGww
4.63V
SOT-23
-40
oC to 85oC
AME8570AEITAF46Z
BKHw
4.63V
SC-70-3
-40
oC to 85oC
AME8570AEIUAF46Z
BKIw
4.63V
SC-70-4
-40
oC to 85oC
AME8570AEETCF46Z
BKJww
4.63V
SOT-23
-40
oC to 85oC
AME8570AEITCF46Z
BKKw
4.63V
SC-70-3
-40
oC to 85oC
AME8570AEIUCF46Z
BKLw
4.63V
SC-70-4
-40
oC to 85oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com