Electronic Components Datasheet Search
  English  ▼

X  

PI2574 Datasheet(PDF) 1 Page - HD MicroSystems, Ltd

Part # PI2574
Description  Polyimide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HDMS [HD MicroSystems, Ltd]
Direct Link  https://www.hdmicrosystems.com/
Logo HDMS - HD MicroSystems, Ltd

PI2574 Datasheet(HTML) 1 Page - HD MicroSystems, Ltd

  PI2574 Datasheet HTML 1Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 2Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 3Page - HD MicroSystems, Ltd PI2574 Datasheet HTML 4Page - HD MicroSystems, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rev. November 2012
PRODUCT BULLETIN
P I 2525, P I 2555 & P I 2574
PI 2525, PI 2555 and PI 2574 polyimide precursors
are suitable for applications where the high
temperatures typically used for polyimide curing
(350°C) cause problems. Typical applications for
these materials are as stress buffer or interlayer
dielectric layers over low temperature substrates.
These materials imidize faster and at lower
temperatures than for standard polyimide precursors.
The materials are supplied as solutions suitable for
spin or roller coating application. A separate
adhesion promoter is recommended with PI 2525
and PI 2555 to improve adhesion to oxides and to
metals. PI 2574 is self priming and does not require
an adhesion promoter. Processing by wet or plasma
etch is possible. Cured film thicknesses from 2 µm to
9 µm can be obtained.
Process Details
Coating
These products can be coated onto a variety of
metals, alloys, semiconductor and ceramic
substrates. HD MicroSystems adhesion promoters
VM651 or VM-652 are recommended to provide good
processability and adhesion with PI 2525 and PI
2555. Bonding of the polyimide precursor to the
substrate is achieved during the softbake cycle as the
priming chemistry is activated by temperature.
These solutions are highly viscous. There are some
guiding principles for dispensing materials of this
type. Always coat substrates which are at room
temperature. Never trap air into the solution. This
can occur for example when the solution is moved
during dispense. All bubbles take time to dissipate
out of solution. If left in, coating "comets“ will result.
Dispensing should be in the centre and as close to
the substrate as possible. A clean cut-off at dispense
is neccessary before the spin process starts. It may
be neccessary in the case of highly viscous solutions
to have a short delay prior to spin to allow the
polyimide to flow as far as possible and relax.
Both static and dynamic dispense may be used.
Static dispense is the easiest, but requires more
material to be dispensed for each substrate.
Dynamic dispense uses less material, but requires
greater control during dispense to ensure that the
polyimide strikes the exact centre of the substrate.
Any deviation will result in poor coating quality. The
acceleration to final speed should be as low as
possible to allow gradual flow of the polyimide across
the substrate. Often one or more intermediate spin
speeds are used to allow the polyimide to gradually
cover more than 80% of the substrate before
continuing on to the final speed. To reduce the
backside contamination potential it is often beneficial
to prolong the spread cycle until the bulk of the
excess polyimide has been removed from the
substrate.
The final spin speed and time is determined by the
film thickness required (see spin speed curves on
following page. Longer spin times will improve
coating uniformity, but will also reduce the film
thickness. In semiconductor applications, an Edge
Bead Removal (EBR) and Backside Rinse process
may be added to the coating cycle to remove
polyimide precursor from the edge and back of the
wafer prior to baking. NMP (N-methyl-2-pyrrolidone)
or NMP/IPA (isopropanol) can be used for this
purpose.
Soft Bake
After application of the polyimide, a bake process is
required. Both convection oven and hotplate bake
methods may be used. The purpose of this stage is
to partially cure the polyimide precursor prior to
patterning. This bake stage leaves the coating dry,
yet soluble in the etchant solution.


Similar Part No. - PI2574

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PI25 MPSIND-PI25 Datasheet
629Kb / 2P
SMT HIGH CURRENT PLANAR INDUCTORS
logo
AMI SEMICONDUCTOR
PI250MC-A6 AMI-PI250MC-A6 Datasheet
592Kb / 7P
200DPI CIS Sensor
logo
MPS Industries, Inc.
PI25D221 MPSIND-PI25D221 Datasheet
629Kb / 2P
SMT HIGH CURRENT PLANAR INDUCTORS
PI25D222 MPSIND-PI25D222 Datasheet
629Kb / 2P
SMT HIGH CURRENT PLANAR INDUCTORS
PI25D223 MPSIND-PI25D223 Datasheet
629Kb / 2P
SMT HIGH CURRENT PLANAR INDUCTORS
More results

Similar Description - PI2574

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
H13502JP YENYO-H13502JP Datasheet
632Kb / 2P
Polyimide Passivated Auto Rectifier
H13518JP YENYO-H13518JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15002JP YENYO-H15002JP Datasheet
637Kb / 2P
Polyimide Passivated Auto Rectifier
H15018GP YENYO-H15018GP Datasheet
631Kb / 2P
Polyimide Passivated Auto Rectifier
H15018JP YENYO-H15018JP Datasheet
636Kb / 2P
Polyimide Passivated Auto Rectifier
PL5002JP YENYO-PL5002JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018GP YENYO-PL5018GP Datasheet
641Kb / 2P
Polyimide Passivated Auto Rectifier
PL5018JP YENYO-PL5018JP Datasheet
646Kb / 2P
Polyimide Passivated Auto Rectifier
PL6002JP YENYO-PL6002JP Datasheet
649Kb / 2P
Polyimide Passivated Auto Rectifier
logo
3M Electronics
8997 3M-8997 Datasheet
124Kb / 5P
3M™ Polyimide Tape
Jan-2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com