Electronic Components Datasheet Search
  English  ▼

X  

R4103SB Datasheet(PDF) 3 Page - Hollingsworth

Part # R4103SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4103SB Datasheet(HTML) 3 Page - Hollingsworth

  R4103SB Datasheet HTML 1Page - Hollingsworth R4103SB Datasheet HTML 2Page - Hollingsworth R4103SB Datasheet HTML 3Page - Hollingsworth R4103SB Datasheet HTML 4Page - Hollingsworth R4103SB Datasheet HTML 5Page - Hollingsworth R4103SB Datasheet HTML 6Page - Hollingsworth R4103SB Datasheet HTML 7Page - Hollingsworth R4103SB Datasheet HTML 8Page - Hollingsworth R4103SB Datasheet HTML 9Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.hollingsworth.com 800.638.8376
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
22/16 Flanged Spades
CMA Range 509-3260
Barrel Inside Diameter .059"/ 1.5 mm
Material: COPPER Thickness: .030"/.762 mm
Insulated ( Red Vinyl)
Insulated ( Red Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.160"/4.06 mm
Insul. Dia. .146"/3.71 mm
Stud
W
W
C
C
NIT
E
E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size
In.
mm
In. mm NIT
Brazed
In.
mm
In.
mm
FIT
In.
mm
In.
mm FIIG
In.
mm
In.
mm
2
.18 4.57 .19 4.83 SF20746
SF20746B
.46 11.68
.60
15.24 SF20740F
.70
17.78
.87 22.10
2
.18 4.57 .19 4.83 SF20746S SF20746SB .36
9.14
.51
12.95 SF20740SF
.63
16.00
.80 20.32 XSF2559SN
.62 15.75 .80 20.32
2
.29 7.37 .19 4.83 SF20747
SF20747B
.46 11.68
.60
15.24 SF20741F
.70
17.78
.87 22.10
2
.29 7.37 .19 4.83 SF20747S SF20747SB .36
9.14
.51
12.95 SF20741SF
.63
16.00
.80 20.32 XSF2560SN
.62 15.75 .80 20.32
4
.29 7.37 .19 4.83 SF20748
SF20748B
.46 11.68
.60
15.24 SF20742F
.70
17.78
.87 22.10
4
.29 7.37 .19 4.83 SF20748S SF20748SB .36
9.14
.51
12.95 SF20742SF
.63
16.00
.80 20.32 XSF2561SN
.62 15.75 .80 20.32
6
.29 7.37 .19 4.83 SF20749
SF20749B
.46 11.68
.60
15.24 SF20752F
.70
17.78
.87 22.10
6
.29 7.37 .19 4.83 SF20749S SF20749SB .36
9.14
.51
12.95 SF20752SF
.63
16.00
.80 20.32 XSF2562SN
.62 15.75 .80 20.32
8
.29 7.37 .19 4.83 SF20750
SF20750B
.46 11.68
.60
15.24 SF20753F
.70
17.78
.87 22.10
8
.29 7.37 .19 4.83 SF20750S SF20750SB .36
9.14
.51
12.95 SF20753SF
.63
16.00
.80 20.32 XSF2498SN
.62 15.75 .80 20.32
Hand Tool
H4A
H4A
H7B & H53*
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
20/16 Rings, Heavy Duty
CMA Range 1290-3260
Barrel Inside Diameter .065"/ 1.65 mm
Material: COPPER Thickness: .040"/1.02 mm
Basic Dimensions
Non-Insulated
Stud
W
W
C
C NIT
E
E
L
L
Size
In.
mm
In. mm Brazed
In.
mm
In.
mm
1/4
.47 11.94 .32 8.13 HDR1339B
.50
12.70
.74
18.80
Hand Tool
H4A
zy
16/14 Rings
CMA Range 2050-5180
Barrel Inside Diameter .085"/ 2.16 mm
Material: COPPER Thickness: .032"/.813 mm
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Non-Insulated
Insul. Dia.
.198" / 5.03 mm
Insul. Dia. .178"/4.52 mm
Stud W
W
C C
NIT
E E
L
L
Funnel
E
E
L
L
Funnel
E
E
L
L
Size In.
mm
In. mm
NIT
Brazed
In. mm
In.
mm
FIT
In.
mm
In.
mm
FIIG
In.
mm
In.
mm
2
.25
6.35 .16 4.06
R3301B
.43 10.92 .55
13.97
4
.25
6.35 .16 4.06 R4119
R4119B
.43 10.92 .55
13.97
4
.25
6.35 .16 4.06 R4119S
R4119SB
.33 8.38
.45
11.43
XR2441SN
.62 15.75 .74 18.80
6
.25
6.35 .16 4.06 R4120
R4120B
.43 10.92 .55
13.97
R4158F
.70 17.78
.82
20.83
6
.25
6.35 .16 4.06 R4120S
R4120SB
.33 8.38
.45
11.43
R4158SF
.62 15.75
.74
18.80 XR2442SN
.62 15.75 .74 18.80
6
.25
6.35 .37 9.40 R61002G
R61002GB
.64 16.26 .77
19.56
R61005GF
.92 23.37 1.04 26.42
6
.25
6.35 .37 9.40 R61002GS R61002GSB .55 13.97 .67
17.02
R61005GSF
.84 21.34
.96
24.38 XR61006GSN
.84 21.34 .96 24.38
6
.31
7.87 .28 7.11 R4121
R4121B
.55 13.97 .71
18.03
R4159F
.83 21.08
.96
24.38
6
.31
7.87 .28 7.11 R4121S
R4121SB
.46 11.68 .62
15.75
R4159SF
.75 19.05
.91
23.11 XR1901SN
.75 19.05 .91 23.11
6
.31
7.87 .37 9.40 R4121G
R4121GB
.64 16.26 .80
20.32
R4159GF
.92 23.37 1.07 27.18
6
.31
7.87 .37 9.40 R4121GS
R4121GSB
.55 13.97 .70
17.78
R4159GSF
.84 21.34
.99
25.15 XR1901GSN
.84 21.34 .99 25.15
8
.31
7.87 .28 7.11 R4122
R4122B
.55 13.97 .71
18.03
R4160F
.83 21.08
.99
25.15
8
.31
7.87 .28 7.11 R4122S
R4122SB
.46 11.68 .62
15.75
R4160SF
.75 19.05
.91
23.11 XR1902SN
.75 19.05 .91 23.11
8
.31
7.87 .37 9.40 R4122G
.64 16.26 .80
20.32
R4160GF
.92 23.37 1.07 27.18
8
.31
7.87 .37 9.40 R4122GS
.55 13.97 .70
17.78
R4160GSF
.84 21.34
.99
25.15 XR1902GSN
.84 21.34 .99 25.15
10
.31
7.87 .28 7.11 R4123
R4123B
.55 13.97 .71
18.03
R4161F
.83 21.08
.99
25.15
10
.31
7.87 .28 7.11 R4123S
R4123SB
.46 11.68 .62
15.75
R4161SF
.75 19.05
.91
23.11 XR1903SN
.75 19.05 .91 23.11
10
.31
7.87 .37 9.40 R4123G
R4123GB
.64 16.26 .80
20.32
R4161GF
.92 23.37 1.07 27.18
10
.31
7.87 .37 9.40 R4123GS
R4123GSB
.55 13.97 .70
17.78
R4161GSF
.84 21.34
.99
25.15 XR1903GSN
.84 21.34 .99 25.15
1/4
.46 11.68 .44 11.18 R4124
R4124B
.71 18.03 .94
23.88
R4162F
.98 24.89 1.21 30.73
1/4
.46 11.68 .44 11.18 R4124S
R4124SB
.61 15.49 .84
21.34
R4162SF
.90 22.86 1.13 28.70 XR1906SN
.90 22.86 1.13 28.70
5/16 .46 11.68 .44 11.18 R4125
R4125B
.71 18.03 .94
23.88
R4163F
.98 24.89 1.21 30.73
5/16 .46 11.68 .44 11.18 R4125S
R4125SB
.61 15.49 .84
21.34
R4163SF
.90 22.86 1.13 28.70 XR1907SN
.90 22.86 1.13 28.70
3/8
.53 13.46 .44 11.18 R4126
R4126B
.71 18.03 .97
24.64
R4164F
.98 24.89 1.25 31.75
3/8
.53 13.46 .44 11.18 R4126S
R4126SB
.61 15.49 .88
22.35
R4164SF
.90 22.86 1.17 29.72 XR1908SN
.90 22.86 1.17 29.72
Hand Tool
H4A
H4A
H7B & H53*
H7B & H53
zy
zy
zy
zy
* H53 for short barrel, H53L for long barrel
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com