Electronic Components Datasheet Search
  English  ▼

X  

R4261SB Datasheet(PDF) 12 Page - Hollingsworth

Part # R4261SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4261SB Datasheet(HTML) 12 Page - Hollingsworth

Back Button R4261SB Datasheet HTML 8Page - Hollingsworth R4261SB Datasheet HTML 9Page - Hollingsworth R4261SB Datasheet HTML 10Page - Hollingsworth R4261SB Datasheet HTML 11Page - Hollingsworth R4261SB Datasheet HTML 12Page - Hollingsworth R4261SB Datasheet HTML 13Page - Hollingsworth R4261SB Datasheet HTML 14Page - Hollingsworth R4261SB Datasheet HTML 15Page - Hollingsworth R4261SB Datasheet HTML 16Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
16/14 Female Slip-Ons
Barrel Inside Diameter
CMA Range 2050-5180 .090"/ 2.29 mm – .110 Series .081”/2.06 mm – All Others
Material: BRASS
Thickness: .012" / .305 mm – .110 and .125 Series
.018” / .457 mm – All Others
Basic Dimensions
Non-Insulated
NEMA
W
W
T
T
E
E
B
B
FITS
L
L
Hand
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
In.
mm
TAB
NIT
In.
mm
Tool
NIT-IG
In.
mm
Tool
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70912S
.49
12.45
H12
SO70573S
.63
16.00
H12
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1137S {
.49
12.45
H12
SO70572S * {
.63
16.00
H12
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70913S
.49
12.45
H12
SO70577S
.63
16.00
H12
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1144S {
.49
12. 45
H12
SO70576S * {
.63
16.00
H12
.020 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9704S
.57
14.48
H12
SO9709S
.72
18.29
H12
.032 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9702S
.57
14.48
H12
SO9707S
.72
18.29
H12
.020 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9703S
.57
14.48
H12
SO9708S
.72
18.29
H12
.032 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9701S
.57
14.48
H12
SO9706S
.72
18.29
H12
.032 x.250
.290 7.37
.065 1.65 .300
7.62
.17
4.32
SO9700S
.62
15.75
H12
SO9705S
.77
19.56
H12
zy
zy
* Special Order
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
Basic Dimensions
Insul. Dia.
.160" / 4.06 mm
Insul. Dia.
.140" / 3.56 mm
NEMA
W
W
T
T
E
E
B
B
FITS
FIT
L
L
Hand Funnel
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
In.
mm
TAB
Flared
In.
mm
Tool
FIIG
In.
mm
Tool
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70916SF
.78
19.81
H8A4 XSO70918SN
.78
19.81
H13**
.020 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1125SF {
.78
19.81
H8A4 XSO1139SN * {
.78
19.81
H13**
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
A
SO70917SF
.78
19.81
H8A4 XSO70919SN
.78
19.81
H13**
.032 x.110
.145 3.68
.016 .406 .250
6.35
.17
4.32
B
SO1135SF {
.78
19.81
H8A4 XSO1146SN * {
.78
19.81
H13**
.020 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9722SF
.86
21.84
H13
XSO9727SN
.86
21.84
H43
.032 x.187
.233 5.92
.026 .660 .250
6.35
.17
4.32
SO9720SF
.86
21.84
H13
XSO9725SN
.86
21.84
H43
.020 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9721SF
.86
21.84
H13
XSO9726SN
.86
21.84
H43
.032 x.205
.250 6.35
.026 .660 .250
6.35
.17
4.32
SO9719SF
.86
21.84
H13
XSO9724SN
.86
21.84
H43
.032 x.250
.290 7.37
.065 1.65 .300
7.62
.17
4.32
SO9718SF
.91
23.11
H13
XSO9723SN
.91
23.11
H43
zy
* Special Order
zy
** Locator Blade 13-023 to be ordered
in addition to Hand Tool.
16/14 Male Slip-Ons
Barrel Inside Diameter
CMA Range 2050-5180 .081"/ 2.06 mm – .020 Series .085”/2.16 mm – .032 Series
Material: BRASS
Thickness:
.020" / .508 mm
.032” / .813 mm
Basic Dimensions
Non-Insulated
NEMA
C
C
E
E
B
B
FITS
L
L
Hand
L
L
Hand
TAB
In.
mm
In.
mm
In.
mm
TAB
NIT
In.
mm
mm
NIT-IG
In.
mm
Tool
.020 x.110
.218 5.54
.280 7.11
.17
4.32
A
SO9353S
.58
14.73
H12
SO9363S
.72
18.29
H12
.020 x.110
.138 3.51
.280 7.11
.17
4.32
B
SO9352S {
.58
14.73
H12
SO9362S * {
.72
18.29
H12
.020 x.187
.125 3.18
.250 6.35
.17
4.32
SO9350S
.55
13.97
H12
SO9360S
.69
17.53
H12
.032 x.187
.125 3.18
.250 6.35
.17
4.32
SO9118S
.62
15.75
H4A
.032 x.187
.125 3.18
.250 6.35
.26
6.60
SO9118
.71
18.03
H4A
.020 x.205
.125 3.18
.250 6.35
.17
4.32
SO9351S
.55
13.97
H12
SO9361S
.69
17.53
H12
.032 x.205
.125 3.18
.250 6.35
.17
4.32
SO9119S
.62
15.75
H4A
.032 x.205
.125 3.18
.250 6.35
.26
6.60
SO9119
.71
18.03
H4A
.032 x.250
.134 3.40
.307 7.80
.17
4.32
SO9004S
.67
17.02
H4A
.032 x.250
.134 3.40
.307 7.80
.26
6.60
SO9003
.76
19.30
H4A
zy
zy
* Special Order
Basic Dimensions
Insulated (Blue Vinyl)
Insulated (Blue Nylon)
NEMA
C
C
E
E
B
B
FITS
Funnel
Insul. Dia.
L
L
Hand
Funnel
Insul. Dia.
L
L
Hand
TAB
In. mm In. mm In.
mm
TAB
FIT
In.
mm In.
mm
Tool
FIIG
In.
mm
In.
mm
Tool
.020 x.110
.218 5.54 .280 7.11 .17
4.32
A
SO9383SF
.160 4.06 .87 22.10
H7B
XSO9393SN
.146
3.71
.89
22.61 H43
.020 x.110
.138 3.51 .280 7.11 .17
4.32
B
SO9382SF {
.160 4.06 .87 22.10
H7B
XSO9392SN *
.146
3.71
.89
22.61 H43
.020 x.187
.125 3.18 .250 6.35 .17
4.32
SO9380SF
.160 4.06 .83 21.08
H7B
XSO9390SN
.146
3.71
.85
21.59 H43
.032 x.187
.125 3.18 .250 6.35 .17
4.32
SO9124SF
.195 4.95 .90 22.86
H7B
XSO9126SN
.178
4.52
.86
21.84 H7B
.032 x.187
.125 3.18 .250 6.35 .26
6.60
SO9124F
.195 4.95 .97 24.64
H7B
.020 x.205
.125 3.18 .250 6.35 .17
4.32
SO9381SF
.160 4.06 .83 21.08
H7B
XSO9391SN
.146
3.71
.85
21.59 H43
.032 x.205
.125 3.18 .250 6.35 .17
4.32
SO9125SF
.195 4.95 .90 22.86
H7B
XSO9127SN
.178
4.52
.86
21.84 H7B
.032 x.205
.125 3.18 .250 6.35 .26
6.60
SO9125F
.195 4.95 1.03 26.16
H7B
.032 x.250
.134 3.40 .307 7.80 .17
4.32
SO9014SF
.195 4.95 .96 24.38
H7B
XSO9024SN
.178
4.52
.91
23.11 H7B
.032 x.250
.134 3.40 .307 7.80 .26
6.60
SO9013F
.198 5.03 1.09 27.69
H7B
zy
zy
* Special Order
62
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com