Electronic Components Datasheet Search
  English  ▼

X  

R4105SB Datasheet(PDF) 10 Page - Hollingsworth

Part # R4105SB
Description  Ring Tongue Terminal 10-12AWG Copper Yellow 27.69mm Tin
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLINGSWORTH [Hollingsworth]
Direct Link  https://hollingsworth.com/
Logo HOLLINGSWORTH - Hollingsworth

R4105SB Datasheet(HTML) 10 Page - Hollingsworth

Back Button R4105SB Datasheet HTML 6Page - Hollingsworth R4105SB Datasheet HTML 7Page - Hollingsworth R4105SB Datasheet HTML 8Page - Hollingsworth R4105SB Datasheet HTML 9Page - Hollingsworth R4105SB Datasheet HTML 10Page - Hollingsworth R4105SB Datasheet HTML 11Page - Hollingsworth R4105SB Datasheet HTML 12Page - Hollingsworth R4105SB Datasheet HTML 13Page - Hollingsworth R4105SB Datasheet HTML 14Page - Hollingsworth Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
22/18 • 16/14 • 12/10 Fully Insulated Nylon Couplers
Material: BRASS
Wire
NEMA
W
W
L
L
H
H
Insul. Dia.
Hand
Mat. Thickness
CMA
Type
Size
Tab
In.
mm
In.
mm
In.
mm
In.
mm
Tool
FIT
In.
mm
Range
Male
22-18
.032 x .250
.48
12.19 1.05 26.67 .29
7.37
.155
3.94
H43
SO5078
.032
.813
509-2050
Female
22-18
.032 x .250
.40
10.16
.98
24.89 .22
5.59
.128
3.25
H13
SO5077
.018
.457
509-2050
Male
16-14
.032 x .250
.48
12.19 1.03 26.16 .30
7.62
.180
4.57
H43
SO5076
.032
.813
2050-5180
Female
16-14
.032 x .250
.40
10.16
.96
24.38 .22
5.59
.150
3.81
H13
SO5075
.018
.457
2050-5180
yz
22/18 Fully Insulated Slip-Ons (FISO)
Barrel Inside Diameter
CMA Range 509-2050
.064"/ 1.63 mm – .110 Series
.057”/1.45 mm – All Others
Material: BRASS
Thickness: .012" / .305 mm – .110 Series
.018” / .457 mm – All Others
Insulated (Vinyl)
Basic Dimensions
Insul. Dia.
.125" / 3.18 mm
Insul. Dia.
.117" / 2.97 mm
NEMA
W
W
L
L
H
H
FITS FIT
Hand
Funnel
Hand
TAB
In.
mm
In.
mm
In.
mm
TAB Flared
Tool
FIIG
Tool
.020 x.110
.21
5.33
.73
18.54
.17
4.32
A
SO5316SF
H8A4
XSO9770S
H13*
.020 x.110
.21
5.33
.73
18.54
.17
4.32
B
SO5317SF {
H8A4
XSO9771S {
H13*
.032 x.110
.21
5.33
.73
18.54
.17
4.32
A
SO5318SF
H8A4
XSO9772S
H13*
.032 x.110
.21
5.33
.73
18.54
.17
4.32
B
SO5319SF {
H8A4
XSO9773S {
H13*
.020 x.187
.32
8.13
.92
23.37
.19
4.83
SO5304F
H13
XSO9774
H43
.032 x.187
.32
8.13
.92
23.37
.19
4.83
SO5303F
H13
XSO9775
H43
.020 x.205
.32
8.13
.92
23.37
.19
4.83
SO5302F
H13
XSO9776
H43
.032 x.205
.32
8.13
.92
23.37
.19
4.83
SO5301F
H13
XSO9777
H43
.032 x.250
.37
9.40
.92
24.13
.21
5.33
SO5300F
H13
XSO9778
H43
zy
zy * Locator Blade 13-023 to be ordered in addition to Hand Tool
16/14 Fully Insulated Slip-Ons (FISO)
Barrel Inside Diameter
CMA Range 2050-5180 .064"/ 1.63 mm – .110 Series FISO FIT
.081”/2.06 mm – All Others Series FISO FIT
.079”/2.01 mm -- All FISO FIIG
Material: BRASS
Thickness: .012" / .305 mm – .110 Series
.018” / .457 mm – All Others
Insulated (Vinyl)
Basic Dimensions
Insul. Dia.
.160" / 4.06 mm
Insul. Dia.
.146" / 3.71 mm
NEMA
W
W
L
L
H
H
FITS FIT
Hand
Funnel
Hand
TAB
In.
mm
In.
mm
In.
mm
TAB Flared
Tool
FIIG
Tool
.020 x.110
.21
5.33
.73
18.54
.20
5.08
A
SO5320SF *
H8A4
XSO9779S
H13 **
.020 x.110
.21
5.33
.73
18.54
.20
5.08
B
SO5321SF {
H8A4
XSO9780S * {
H13 **
.032 x.110
.21
5.33
.73
18.54
.20
5.08
A
SO5322SF *
H8A4
XSO9781S
H13 **
.032 x.110
.21
5.33
.73
18.54
.20
5.08
B
XSO9782S * {
H13 **
.020 x.187
.32
8.13
.92
23.37
.20
5.08
SO5309F
H13
XSO9783
H43
.032 x.187
.32
8.13
.92
23.37
.20
5.08
SO5308F
H13
XSO9784
H43
.020 x.205
.32
8.13
.92
23.37
.20
5.08
SO5307F
H13
XSO9785
H43
.032 x.205
.32
8.13
.92
23.37
.20
5.08
SO5306F
H13
XSO9786
H43
.032 x.250
.38
9.65
.95
24.13
.22
5.59
SO5305F
H13
XSO9787
H43
zy
* Special Order zy ** Locator Blade 13-023 to be ordered in addition to Hand Tool
12/10 Fully Insulated Slip-Ons (FISO) CMA Range 5180-13100 Barrel Inside Diameter .129"/3.27mm
Material: BRASS
Thickness: .018" / .457 mm
Basic Dimensions
Insulated (Vinyl)
Insul. Dia.
.239" / 6.07mm
NEMA
W
W
L
L
H
H
FITS Funnel
Hand
TAB
In.
mm
In.
mm
In.
mm
TAB
FIIG
Tool
.032 x.250
.36
9.14
1.07
27.18
.33
8.38
A
XSO9788 **
H6EB
zy
**UL Listed for 12 AWG only
Most terminals available tape mounted.
Consult Electro-Term/Hollingsworth with your specifications.
800.638.8376 www.hollingsworth.com
60
Mating .110 series tab
Dimensions type A
Dimensions type B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com