Electronic Components Datasheet Search
  English  ▼

X  

B764 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # B764
Description  Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

B764 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  B764 Datasheet HTML 1Page - Sanyo Semicon Device B764 Datasheet HTML 2Page - Sanyo Semicon Device B764 Datasheet HTML 3Page - Sanyo Semicon Device B764 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
Voltage Regulator, Relay Lamp Driver
Electrical Equipment Applications
Ordering number:ENN575D
2SB764/2SD863
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
90503TN (KT)/91098HA (KT)/4107KI/3085MW, TS No.575–1/4
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
–
(
=
E 0
=1
)
–
(A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=1
)
–
(A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
2
)
–
(
=
C
A
m
0
5
)
–
(
=*
0
6*
0
2
3
h E
F 2V E
C
I
,
V
2
)
–
(
=
C
A
1
)
–
(
=0
3
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
5
)
–
(
=0
5
1z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OC b
o
V B
C
z
H
M
1
=
f
,
V
0
1
)
–
(
=
)
0
2
(F
p
2
1F
p
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
6
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
5
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
1
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
2
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
9
.
0W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
( ) : 2SB764
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2006B
[2SB764/2SD863]
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Emitter
2 : Collector
3 : Base
SANYO : MP
0.5
0.6
0.5
5.0
6.0
4.7
1.45
1.45
1 23
0.5
Continued on next page.


Similar Part No. - B764

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7640 EPCOS-B7640 Datasheet
158Kb / 12P
SAW duplexer
B7641 EPCOS-B7641 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7642 EPCOS-B7642 Datasheet
128Kb / 11P
SAW Duplexer 1950.0 / 2140.0 MHz
B7643 EPCOS-B7643 Datasheet
115Kb / 11P
SAW Duplexer 1950 / 2140 MHz
B7646 EPCOS-B7646 Datasheet
119Kb / 11P
SAW Components
More results

Similar Description - B764

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB764 SANYO-2SB764 Datasheet
85Kb / 3P
Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
logo
Sipex Corporation
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
Electroluminescent Lamp Driver Low Voltage Applications
logo
KEC(Korea Electronics)
KTA1668 KEC-KTA1668 Datasheet
75Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL)
KTB1124 KEC-KTB1124 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTB985 KEC-KTB985 Datasheet
88Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVER, ELECTRICAL EQUIPMENT)
KTC4378 KEC-KTC4378 Datasheet
319Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY LAMP DRIVER, INDUSTRIAL USE)
KTD1347 KEC-KTD1347 Datasheet
87Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (VOLTAGE REGULATOR RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT)
logo
First Silicon Co., Ltd
FTB1124 FS-FTB1124 Datasheet
487Kb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1347 FS-FTD1347 Datasheet
115Kb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
FTD1624 FS-FTD1624 Datasheet
1Mb / 2P
VOLTAGE REGULATORS, RELAY DRIVERS LAMP DRIVERS, ELECTRICAL EQUIPMENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com