Electronic Components Datasheet Search
  English  ▼

X  

6200 Datasheet(PDF) 2 Page - Intel Corporation

Part # 6200
Description  Intel® Centrino® Advanced-N 6200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6200 Datasheet(HTML) 2 Page - Intel Corporation

  6200 Datasheet HTML 1Page - Intel Corporation 6200 Datasheet HTML 2Page - Intel Corporation 6200 Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
Benefits
Support for Cisco Compatible Extensions* v4
Cisco Centralized Key Management, Call Admission
Control, Unscheduled Automatic Power Save
Delivery (U-APSD), and Voice Metrics
Helps prevent delays in VoIP calls when roaming between Access Points; enables improved network
diagnostics
Connect with Centrino®
Intel certification that focuses on interoperability
between IEEE 802.11n devices
Selection of Access Points with the Connect with Centrino® label ensures that both the Access Point
and the Intel® Centrino® Advanced-N 6200 equipped laptop has passed numerous interoperability
tests
Intel® PROSet/Wireless WiFi Software3 for Microsoft Windows
Intel® PROSet/Wireless WiFi Software v.13.0 is available for users of Intel® WLAN
hardware. The latest version of the software helps enable a superior experience by
providing enhancements for end users as well as IT administrators who deploy and
manage wireless networks. Features include:
Enhanced simple User Interface
IT Administration Tool capabilities
-
Install Package Creator
-
Central control over driver and application settings
-
Single Sign On for Microsoft and Novell networks
Additional profile management capabilities
Support for Wi-Fi Protected Setup* (WPS)
Support for high rate 802.11n networks
Support Intel® Active Management Technology
Intel® Centrino® Advanced-N 6200 Technical Specifications
General
Dimensions (H x W x D)
Weight
Diversity
Radio ON/OFF Control4
Connector interface
LED Output
Operating Temperature
Humidity Non-Operating
Operating Systems
Wi-Fi Alliance
Microsoft WHQL
IEEE WLAN Standard
Architecture
Roaming5
26.80 mm x 30.00 mm x 2.4 mm Max (Top Side) / 1.35 mm Max (Bottom Side)
4.0 g
On-board diversity support for systems designed with two antennas
Supported in both hardware and software
Half Mini Card form factor, based on PCIe electrical interface
Single WLAN-LED (as per Mini Card specification)
0 to +60oC
50% to 90% RH non-condensing (at temperatures of 25°C to 35°C)
Microsoft Windows XP* 32/64-bit, Microsoft Windows Vista* 32/64-bit, Microsoft Windows 7* 32/64-
bit, Ubuntu Linux*
Wi-Fi CERTIFIED* for 802.11a, 802.11b, 802.11g, 802.11n, WMM*, WPA*, WPA2*, and WPS
YES
IEEE 802.11a/b/g/n, 802.11d, 802.11e, 802.11i, 802.11h
Infrastructure or ad hoc (peer-to-peer)
Supports seamless roaming between respective access points
(802.11b, 802.11g, 802.11a/b/g, and 802.11a/b/g/n)
Security6
Authentication
Authentication Protocols
Encryption
Product Safety
WPA and WPA2, 802.1X (EAP-TLS, TTLS, PEAP, LEAP, EAP-FAST), EAP-SIM, EAP-AKA
PAP, CHAP, TLS, GTC, MS-CHAP*, MS-CHAPv2
64-bit and 128-bit WEP, AES-CCMP, CKIP, TKIP
UL, C-UL, CB (IEC 60950-1)
Compliance
Retail (Credit Card Processing)
Government
PCI, CISP
FIPS8 ,FISMA
Products Available
Model Code
Version
Intel® Centrino® Advanced-N 6200
622ANHMW
622AGHRU
622BGHMW
622ANHMW (supports 802.11a/b/g/n)
622AGHRU (supports 802.11a/b/g)
622BGHMW (supports 802.11b/g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com