Electronic Components Datasheet Search
  English  ▼

X  

11689 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 11689
Description  Non return valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

11689 Datasheet(HTML) 1 Page - Festo Corporation.

  11689 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non return valve
H-1/4-B
Part number: 11689
General operating condition
Data sheet
Feature
Value
Valve function
Non-return function
Pneumatic connection 1
G1/4
Pneumatic connection 2
G¼
Type of mounting
Screw-in
Operating pressure
0.04 MPa ... 1.2 MPa
Operating pressure
0.4 bar ... 12 bar
Ambient temperature
-10 °C ... 60 °C
Housing material
Wrought aluminum alloy, anodized
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Mounting position
Any
Symbol
00991455
Standard nominal flow rate 1->2 (6-5)
1000 l/min
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Storage temperature
-10 °C ... 60 °C
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Max. tightening torque
11 Nm
Product weight
25.4 g
Note on materials
RoHS-compliant
Seals material
NBR
10/13/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 11689

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1168943 PHOENIX-1168943 Datasheet
290Kb / 7P
Type 123 combined lightning current and surge arresters - FLT-SECZP2- 3S-255/12.5
1168946 PHOENIX-1168946 Datasheet
282Kb / 7P
Type 123 combined lightning current and surge arresters - FLT-SECZP2- 3C-255/12.5
logo
Littelfuse
116895 LITTELFUSE-116895 Datasheet
2Mb / 16P
Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - 11689

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34878 FESTO-34878 Datasheet
75Kb / 1P
Piloted non return valve
4/11/22
34880 FESTO-34880 Datasheet
74Kb / 1P
Piloted non return valve
4/11/22
530029 FESTO-530029 Datasheet
88Kb / 2P
Piloted non return valve
4/11/22
530033 FESTO-530033 Datasheet
81Kb / 2P
Piloted non return valve
4/11/22
530039 FESTO-530039 Datasheet
86Kb / 2P
Piloted non return valve
4/11/22
530044 FESTO-530044 Datasheet
90Kb / 2P
Piloted non return valve
4/11/22
1927027 FESTO-1927027 Datasheet
104Kb / 1P
Non return valve
4/11/22
8001460 FESTO-8001460 Datasheet
104Kb / 1P
Non return valve
4/11/22
8039820 FESTO-8039820 Datasheet
71Kb / 1P
Non return valve
8/7/22
8039821 FESTO-8039821 Datasheet
94Kb / 1P
Non return valve
8/7/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com